Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 12 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VVBUS = 5.0 V, VISOB = 3.6 V, C1 = 2.2 μF, C2 = 1 µF, C3 = C4 = 10 µF, C5 = C6 = 10 μF, C7 = C8 = 10 μF, L1 = L2 = 4.7 μH, and
all registers are at default values, unless otherwise noted.
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
0
100
200
300
400
500
IVSYS (mA)
VVSYS = 4.4V
VVSYS = 5V
Figure 4. VSYS Load Regulation, VVSYS = 4.4 V and 5 V, VVBUS = 5.5 V,
IVSYS from 1 mA to 400 mA, No Charging
3.0
3.5
4.0
4.5
5.0
5.5
4
5
6
7
VVBUS (V)
VVSYS = 4.4V
VVSYS = 5V
Figure 5. VSYS Line Regulation, VVSYS = 4.4 V and 5 V, No Charging
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
2.3
2.8
3.3
3.8
4.3
VISOB (V)
IISOB
VVSYS
Figure 6. Charge Profile, VTRM = 4.2 V, ICHG = 100 mA
4.2
4.4
4.6
4.8
5.0
5.2
TEMPERATURE (°C)
–40
–20 –10
0
–30
10
20
30
40
50
60
70
80
VVSYS = 4.4V
VVSYS = 5V
Figure 7. VSYS Accuracy vs. Temperature, VVBUS = 5.5 V
0.20
0.25
0.30
0.35
0.40
2.5
3.5
4.5
5.5
BATTERY VOLTAGE (V)
Figure 8. ISOFET Resistor vs. Battery Voltage
0
50
100
150
200
250
300
350
4.0
4.5
5.0
5.5
6.0
6.5
INPUT VVBUS (V)
VTRM = 4.2V
VTRM = 4.3V
VTRM = 4.4V
VTRM = 4.5V
VTRM = 4.6V
Figure 9. Charge Current vs. Input VVBUS, ICHG = 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com