Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 35 of 60
CONTROL REGISTER MAP
Table 17. Register Map
Address
(Hex)
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
Manufacture
and Model ID
[7:0]
MANUF[3:0]
MODEL[3:0]
0x01
Silicon
Revision
[7:0]
Reserved
REV[3:0]
0x02
CHARGER_
VBUS_ILIM
[7:0]
VADPICHG[2:0]
Reserved
VSYSTEM
ILIM[2:0]
0x03
CHARGER_
TERMINATION_
SETTING
[7:0]
VTRM[5:0]
ITRK_DEAD[1:0]
0x04
CHARGER_
CURRENT_
SETTING
[7:0]
IEND[2:0]
ICHG[4:0]
0x05
CHARGER_
VOLTAGE_
THRESHOLD
[7:0]
DIS_RCH
VRCH[1:0]
VTRK_DEAD[1:0]
VWEAK[2:0]
0x06
CHARGER_
TIMER_
SETTING
[7:0]
Reserved
EN_TEND
EN_CHG_
TIMER
CHG_TMR_PERIOD[1:0]
0x07
CHARGER_
FUNCTION_
SETTING
[7:0]
EN_JEITA
ILIM_
JEITA_
COOL
Reserved
OFF_ISOFET
EN_LDO
EN_EOC
EN_
ADPICHG
EN_CHG
0x08
CHARGER_
STATUS1
[7:0]
VBUS_OV
ADPICHG
VBUS_ILIM
Reserved
CHARGER_STATUS[2:0]
0x09
CHARGER_
STATUS2
[7:0]
THR_STATUS[2:0]
BAT_OV_
STATUS
BAT_UV_
STATUS
BAT_CHG_STATUS[2:0]
0x0A
BATTERY_
THERMISTOR_
CONTROL
[7:0]
ITHR[1:0]
Reserved
EN_THR
0x0B
THERMISTOR_
60C Threshold
[7:0]
TEMP_HIGH_60[7:0]
0x0C
THERMISTOR_
45C Threshold
[7:0]
TEMP_HIGH_45[7:0]
0x0D
THERMISTOR_
10C Threshold
[7:0]
TEMP_LOW_10[7:0]
0x0E
THERMISTOR_
0C Threshold
[7:0]
TEMP_LOW_0[7:0]
0x0F
THR_VOLTAGE
Low
[7:0]
THR_V_LOW[7:0]
0x10
THR_VOLTAGE
High
[7:0]
Reserved
THR_V_HIGH[11:8]
0x11
Battery
Protection
Control
[7:0]
Reserved
ISOFET_
OVCHG
OC_DIS_
HICCUP
OC_CHG_
HICCUP
EN_
CHGLB
EN_
BATPRO
0x12
Battery
Protection
Undervoltage
Setting
[7:0]
UV_DISCH[3:0]
HYS_UV_DISCH[1:0]
DGT_UV_DISCH[1:0]
0x13
Battery
Protection
Overcharge
Setting
[7:0]
OC_DISCH[2:0]
Reserved
DGT_OC_DISCH[2:0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com