Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 10 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
STP
SDA
INT
ENSD
EN2
PGND1
PGOOD1
ENCHG
SCL
THR
ILIM
PGOOD2
VDD
ISOB
MR
A
B
C
D
E
1
234
VOUT2
FB1
SW1
SW2B
5
PGND2
VIN2
SW2A
VIN1
AGND1
RESET
VSYS
F
6
BSNS
AGND2
VID1
EN1
ICS
VBUS
Figure 3. Ball Configuration (Top View)
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Description
A1
PGND2
Power Ground for the Buck Boost Regulator.
A2
SW2B
Switching Node for the Buck Boost Regulator.
A3
VOUT2
Buck Boost Regulator Output Pin.
A4
SCL
I2C Serial Clock. This pin requires an external pull-up resistor.
A5
SDA
I2C Serial Data. This pin requires an external pull-up resistor.
A6
INT
Processor Interrupt (Active Low). This pin requires an external pull-up resistor. If this pin is not used, this pin can
be left floating.
B1
SW2A
Switching Node for the Buck Boost Regulator.
B2
AGND2
Analog Ground.
B3
ENSD
Shutdown Mode Select. When this pin is low, the shutdown mode disables. When this pin is high, the shutdown
mode enables.
B4
EN2
Enable Pin for Buck Boost Regulator.
B5
PGOOD1
Power-Good Signal Output. This open-drain output is the power-good signal for the selected VBUSOK, BATOK,
CHG_CMPLT, VOUT2OK, or VOUT1OK bits (see Table 65).
B6
THR
Battery Pack Thermistor Connection.
C1
VIN2
Input Power for the Buck Regulator.
C2
STP
Stop Switching for the Selected Channel.
C5
PGOOD2
Power-Good Signal Output. This open-drain output is the power-good signal for the selected VBUSOK, BATOK,
CHG_CMPLT, VOUT2OK, or VOUT1OK bits (see Table 65).
C6
BSNS
Battery Voltage Sense.
D1
FB1
Feedback Sensing Input for the Buck Regulator.
D2
VID1
Configure Buck Regulator Output Voltage. Connect a resistor from VID1 to AGND1 and AGND2 to program the buck
regulator default output voltage. Float the pin to disable the pin select feature and use the register default set.
D5
ILIM
Input Current-Limit Select. Connect a resistor to AGND1 and AGND2 to set the default input current-limit level.
Float the pin to disable the pin select feature and use the register default set.
D6
ISOB
Battery Supply-Side Input to Internal Isolation FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com