Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 23 of 60
BATTERY TEMPERATURE
Battery Pack Thermistor Input
The ADP5360 charger features battery pack temperature
sensing that precludes charging when the battery pack
temperature is outside of the specified range. The THR pin
provides three programmable current sources: 60 μA, 12 μA,
and 6 μA. Accordingly, the THR pin supports 10 kΩ, 47 kΩ, and
100 kΩ NTC resistors at 25°C. The THR pin is connected
directly to the battery pack thermistor terminal.
When the THR function is enabled, the THR node voltage is
sensed by the ADC and can be read in the 12-bit registers,
THR_V_HIGH and THR_V_LOW. Calculate the external
thermistor value (RNTC) by using the following equation:
RNTC = (THR_V/60 µA)
where:
THR_V is the ADC readback from the THR_V_HIGH and
THR_V_LOW registers.
60 μA is selected by the THR pin source current.
To achieve the battery temperature, the RNTC value must be
known.
When VVBUS is higher than VVBUS_OK_RISE, the THR function is
forced to enable for the charger control requirement. The update
rate is 1 second. When VVBUS is lower than VVBUS_OK_RISE, set the
EN_THR bit (Address 0x0A) high to enable the THR function. To
save quiescent current the THR node voltage update rate slows
to 30 seconds.
If the battery pack thermistor is not connected directly to the
THR pin, a 100 kΩ (tolerance ±20%) dummy resistor must be
connected between the THR pin and the AGND1 and AGND2
pins. Leaving the THR pin open results in a false detection of a
<0°C battery temperature, and charging disables.
The ADP5360 charger monitors the voltage on the THR pin and
suspends charging if the voltage is less than 0°C or higher than
60°C. For temperatures greater than 0°C and lower than 60°C, the
THR_STATUS[2:0] bits,Address 0x09, are set accordingly.
JEITA Li-Ion Battery Temperature Charging Specification
The charge of the ADP5360 is compliant with the JEITA Li-Ion
battery charging temperature specifications as shown in Table 13.
The JEITA function can be enabled via the I2C interface. When
the ADP5360 detects a JEITA cool condition, the charging
current reduces, as shown in Table 14.
When the ADP5360 identifies a hot or cold battery condition,
the battery isolation FET turns off. The VSYS pin is linear regulated
at VSYS_REG and provides power for the system.
Table 13. JEITA Li-Ion Battery Charging Specification Defaults
Parameter
Symbol
Conditions
Min Max Unit
JEITA Cold Temperature Limits
IJEITA_COLD
No battery charging occurs.
0
°C
JEITACool Temperature Limits
IJEITA_COOL
Battery charging occurs at approximately 50% or 10% of programmed
level. See Table 14 for specific charging current reduction levels.
0
10
°C
JEITATypical Temperature Limits
IJEITA_TYP
Normal battery charging occurs at default and programmed levels.
10
45
°C
JEITAWarm Temperature Limits
IJEITA_WARM
Battery termination voltage (VTRM) is reduced by 100 mV from
programmed value.
45
60
°C
JEITA Hot Temperature Limits
IJEITA_HOT
No battery charging occurs.
60
°C
Table 14. JEITA Cool Temperature Limit—Reduced Charge Current Levels
ICHG[4:0] Value (mA)
ICHG JEITAValue (mA)
ILIM_JEITA_COOL = 0
ILIM_JEITA_COOL = 1
00000 = 10
10
10
00001 = 20
10
10
00010 = 30
10
10
00011 = 40
20
10
00100 = 50
20
10
00101 = 60
30
10
00110 = 70
30
10
00111 = 80
40
10
01000 = 90
40
10
01001 = 100
50
10
01010 = 110
50
10
01011 = 120
60
10
01100 = 130
60
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com