Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 28 of 60
BATTERY PROTECTION
TheADP5360 features a full battery protection feature for Li-Ion
and Li-Poly batteries. By default, after VISOB rises higher than
VUVLO and exits from shipment mode, battery protection is enabled.
The ADP5360 supports the following fault protections:
•
Undervoltage protection when the battery overdischarges
•
Overdischarge current protection
•
Overvoltage protection when the battery overcharges
•
Overcharge current protection
When VBSNS is lower than the battery undervoltage threshold after
deglitch time, undervoltage protection triggers, the isolation FET
turns off and isolates all system load to the ISOB pin, and the
BAT_UV_STATUS bit is set high to indicate the battery status
and fault register assertion. During undervoltage protection, the
charger allows charge to the battery if the EN_CHGLB bit,
Address 0x11, is set to high, and the charger exits undervoltage
protection when the battery voltage becomes higher than the
undervoltage threshold. The charger does not allow any charge for
battery safety consideration if the EN_CHGLB bit is set low. Use
the I2C interface to select the undervoltage threshold and
response time.
When the battery discharge current going through the isolation
FET increases and rises higher than the overcurrent threshold
after deglitch time, the overcurrent protection is triggered, and
the isolation FET turns off and isolates all system load to the
ISOB pin. This protection behavior can be selected to latch-up
protection mode or hiccup mode by setting the OC_DIS_HICCUP
bit, Address 0x11. In latch-up protection mode, the isolation
FET turns off and shuts down the VSYS output after retrying
three times. When the fault is removed, clearing the fault
register or a VBUS power reset can recover normal operation.
In hiccup protection mode, the isolation FET attempts to turn
on after the typical 200 ms shutdown time until the system load
fault is removed.
When triggering battery overvoltage protection, the LDO FET
turns off, charging stops, and the LDO FET stays in suspend
status. Duirng this protection, the isolation FET is selectable and
can be turned off or kept turned.
When triggering the battery overcharge current, the LDO FET
turns off, charging stops, and the LDO FET stays in suspend status.
The isolation FET also turns off and shuts down the VSYS output.
If selecting the latch-up overcharge protection mode, the charger
remains in suspend status, and the battery does not allow charging
after three retries. If selecting hiccup protection mode, the
charger always attempts to restart the charge until the charger
fault is removed. Clearing the fault register or VBUS power reset
can recover normal operation after the fault is removed.
All battery protection function selection must be done when the
ADP5360 powers up. Do not change the battery protection
function during battery fault.
BUCK REGULATOR OPERATION
Operation Mode
The ADP5360 has two operation modes, PWM and hysteresis
that are controlled by the I2C interface.
PWM Mode
In PWM mode, the buck regulator operates at a fixed 1 MHz
frequency that is set by an internal oscillator. At the start of each
oscillator cycle, the high-side MOSFET switch turns on and sends a
positive voltage across the inductor. The inductor current increases
until the current sense signal exceeds the peak inductor current
threshold, which turns off the high-side MOSFET switch. This
threshold is set by the error amplifier output. During the high-side
MOSFET off time, the inductor current decreases through the
low-side MOSFET until the next oscillator clock pulse starts a
new cycle.
In PWM mode, the regulator can supply up to 500 mA of average
output current. The regulator can provide lower voltage ripple
in PWM mode, which is useful for noise sensitive applications.
Hysteresis Mode
In hysteresis mode, the buck regulator in the ADP5360 charges
the output voltage to a higher value than the nominal output
voltage with PWM pulses. The buck regulator charges the
output voltage by regulating the constant peak inductor current
that is programed by the I2C interface. When the output sense
signal exceeds the hysteresis upper threshold, the regulator enters
standby mode. In standby mode, the high-side and low-side
MOSFETs and the control circuitry are disabled to allow a low
quiescent current as well as a high efficiency performance.
During standby mode, the output capacitor supplies energy into
the load, and the output voltage decreases until the voltage falls
lower than the hysteresis comparator lower threshold. The buck
regulator wakes up and generates the PWM pulses to charge the
output again.
Because the output voltage occasionally enters standby mode
and then recovers, the output voltage ripple in hysteresis mode
is larger than the ripple in PWM mode. The varying switching
frequency creates more noise in the system. Therefore, it is
recommended to use PWM mode during charging status.
Use the following equation in hysteresis mode to calculate the
regulator output current:
ILOAD1_HYS = IPEAK1_HYS/2
where:
ILOAD1_HYS is the regulator output current.
IPEAK1_HYS is the inductor peak current.
The maximum regulator output current is 100 mA when the
limitation of the inductor peak current, BUCK_ILIM, is set to
200 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com