Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 32 of 60
Manual Reset Input
The ADP5360 features a manual reset input. When driving the
MR pin low from high with the deglitch time (tDG), the INT pin
asserts an interrupt when the EN_MR_INT bit, Address 0x33, is
set to high. When the MR pin transitions from low to high, the
RESET pin output asserts and remains asserted for the duration
of the reset timeout period (tRP) before deasserting. Connect an
external pull-up resistor from tthe MR input to the VDD pin for
a logic high output. To generate a reset, connect an external push-
button switch between the MR pin and ground. Noise immunity
is provided on the MR input, and fast transients going in a negative
direction are ignored. A 0.1 μF capacitor between the MR pin and
ground provides additional noise immunity if required.
VOUT1
RESET
MR
tRP
MR EXTERNAL LY
DRIVEN LOW
tRP
INT
tDG
tDG
Figure 55. Manual Reset Timing Diagram
When the EN_MR_SD bit, Address 0x2D is set to enable
shipment mode, pulling down the MR pin for more than a
12 second time out,and then releasing the MR pin, shuts down
all function blocks, and the ADP5360 then enters shipment
mode. To exit shipment mode, pull the MR pin low for tSH, and
the ADP5360 restarts with the default factory setting registers.
Watchdog Timer
The ADP5360 features a watchdog timer that monitors
microprocessor activity. A timer circuit is cleared with every
write to the RESET_WD bit, Address 0x2D. If the timer counts
through the preset watchdog timeout period (tWD), a RESET
output asserts. The microprocessor must toggle the
RESET_WD bit to avoid being reset.
When RESET is asserted, the watchdog timer clears and does
not count again until the RESET output deasserts. To disable
the watchdog timer, set the EN_WD bit, Address 0x2D via the
I2C interface. Note that the watchdog timer is ignored when
RESET is not activated.
If the watchdog timer expires without being reset while in
charger mode, the ADP5360 charger assumes there is a software
problem and triggers tSAFE. For more information, see the Safety
Timer section.
SHIPMENT MODE
The ADP5360 provides optional shipment mode as a default
status after ISOB powers up. During shipment mode, most
function blocks shut down, including the ISOFET and VSYS
output voltages that realize an ultralow shutdown current. In
addition, during shipment mode, the PGOOD1, PGOOD2, and
RESET pins have a high output by default.
Enable shipment mode at initial power up of the ADP5360 by
pulling up the ENSD pin. To disable shipment mode, pull down
the ENSD pin.
In the case where the VBUS voltage goes higher than the UVLO
or the MR pin for tSH is pulled down, the ADP5360 exits shipment
mode. To re-enter shipment mode, set the EN_SHIPMODE bit,
Address 0x36, to high or pull down the MR pin for 12 seconds.
Note that the EN_MR_SD bit, Address 0x2D must be set to
enable the MR shipment function.
FAULT RECOVERY
Before performing fault recovery, ensure that the cause of the
fault is rectified.
To recover from a fault status, power off the VBUS pin or write
a high to the corresponding bits of the Fault register.
THERMAL MANAGEMENT
Thermal Shutdown
The ADP5360 features a shutdown threshold detector. If the die
temperature exceeds TSD, all functions are disabled, and the
TSD110 bit, Address 0x2E, is set. The ADP5360 charger can be
re-enabled when the die temperature drops lower than the TSD
falling limit, and the TSD110 bit is reset. To reset the TSD110
bit, write to the I2C fault register, THERMISTOR_10C
Threshold, Address 0x0D, or cycle the power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com