Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 6 of 60
BATTERY MONITOR SPECIFICATIONS
TJ = −40°C to +85°C, VISOB = 3.8 V, C1 = 2.2 μF, C2 = 1 μF, C3 = C4 = 10 μF, and all registers are at default values, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
BATTERY VOLTAGE SENSING
Analog-to-Digital Converter (ADC) Reading
Voltage
Range
0
4.8
V
Resolution
Based on 12-bit ADC
1.17
mV
Accuracy
TJ = 25°C
−12.5
+12.5
mV
−1
+1
%
Fuel Gauge UVLO Threshold
VBSNS
Rising
VUVLO_FG_RISE
2.7
2.8
V
Falling
VUVLO_FG_FALL
2.48
2.58
V
BATTERY OVERDISCHARGE MONITORING
Undervoltage Threshold
Rising
VBPUV_FALL
−1.5
+1.5
%
Falling Hysteresis
VBPUV_FALL_HYS
HYS_UV_DISCH = 2%
2
%
Undervoltage Deglitch Timer
tBPUV_DIS
DGT_UV_DISCH = 30 ms
30
ms
Overdischarge Current
Threshold
IBPOC_DIS
OC_DISCH = 600 mA
480
600
700
mA
Deglitch Timer
tBPOC_DIS
DGT_OC_DISCH = 5 ms
5
ms
Hiccup Off Time
tDIS_HCP
200
ms
BATTERY OVERCHARGE MONITORING
VVBUS = 5 V
Overvoltage Threshold
Rising
VBPOV_RISE
−1.5
+1.5
%
Falling Hysteresis
VBPOV_RISE_HYS
HYS_OV_CHG = 2%
2
%
Overvoltage Deglitch Timer
tBPOV_CHG
DGT_OV_CHG = 0.5 sec
0.5
sec
Overcurrent Threshold
IBPOC
OC_CHG = 150 mA
130
150
170
mA
Overcurrent Deglitch Timer
tBPOC_CHG
DGT_OC_CHG = 10 ms
10
ms
Hiccup Off Time
tCHG_HCP
200
ms
BUCK REGULATOR SPECIFICATIONS
TJ = −40°C to +85°C, voltage of the VIN1 pin (VVIN1) = voltage of the VSYS pin (VVSYS) = 3.8 V, buck output voltage (VOUT1) = 1.2 V, C5 =
C6 = 10 μF, L1 = 4.7 μH (see Figure 60), and all registers are at default values, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UVLO THRESHOLD
VVIN1
Rising
VUVLO1_RISE
2.3
2.35
V
Falling
VUVLO1_FALL
2.15
2.2
V
OSCILLATOR CIRCUIT
Switching Frequency in Pulse Width
Modulation (PWM) Mode
fSW1
0.85
1.0
1.15
MHz
Feedback Threshold of Frequency Fold
VOSC_FOLD_RISE
VOUT1 = 2.5 V
1.25
V
FB1 PIN
Output Voltage Option Range
VOUT1
Factory trim or I2C, six bits
0.6
3.75
V
PWM Mode
Fixed Voltage Identification (VID) Code
Voltage Accuracy
VFB1_PWM_FIX
−2
+2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com