Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5360ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Advanced Battery Management PMIC with
Ultra Low Power Buck and Buck Boost
Data Sheet
ADP5360
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Linear battery charger
High accuracy and programmable charge terminal voltage
and charge current up to 320 mA
Compliant with JEITA charge temperature specification
Li-Ion and Li-Poly battery monitor and protection
Voltage-based fuel gauge with adaptive filter limitation
Independent battery protection of overcharge and
overdischarge
Temperature sensor with external NTC
Ultralow quiescent current buck converter
Quick output discharge option
Ultralow quiescent current buck boost converter
Quick output discharge option
Supervisory with manual reset (MR) and watchdog timer
Shipment mode extends battery life
Full I2C programmability with dedicated interrupt pin
APPLICATIONS
Rechargeable Li-Ion/Li-Poly battery-powered devices
Portable consumer devices
Portable medical devices
Wearable devices
GENERAL DESCRIPTION
The ADP5360 combines one high performance linear charger
for a single lithium-ion (Li-Ion)/lithium-polymer (Li-Poly)
battery with a programmable, ultralow quiescent current fuel
gauge and battery protection circuit, one ultralow quiescent
buck, one buck boost switching regulator, and a supervisory
circuit that can monitor output voltage.
The ADP5360 charger operates at up to 6.8 V to prevent USB
bus spiking during disconnect or connect scenarios.
TheADP5360 features an internal isolation field effect transistor
(FET) between the linear charger output and the battery node.
The full battery protection features are activated when the device is
in the battery overcharge and overdischarge fault conditions.
The ADP5360 fuel gauge uses a voltage-based algorithm with
an adaptive filter limitation solution. The fuel gauge reports
real-time battery state of charge (SOC) for the rechargeable
Li-Ion battery with ultralow quiescent current.
The ADP5360 buck regulator operates at 1.0 MHz switching
frequency in forced pulse-width modulation (FPWM) mode.
In hysteresis mode, the regulator achieves excellent efficiency at
a low output power.
The ADP5360 buck boost regulator only operates in hysteresis
mode and outputs a voltage less than or greater than the battery
voltage.
The ADP5360 supervisory circuits monitor the regulator output
voltage and provide a power-on reset signal to the system. A
watchdog timer and an external pushbutton can reset the
microprocessor.
The I2C-compatible interface enables the programmability of all
battery charging parameters, the protection threshold, the buck
output voltage, and the status bit readback.
The ADP5360 operates over the −40°C to +85°C junction
temperature range and is available in a 32-ball, 2.56 mm ×
2.56 mm wafer level chip scale package (WLCSP).


Similar Part No. - ADP5360ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
More results

Similar Description - ADP5360ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
Texas Instruments
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
Ultra Low Power Boost Charger with Battery Management and Autonomous Power
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
BQ25570 TI1-BQ25570 Datasheet
1Mb / 40P
Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570 TI1-BQ25570_14 Datasheet
1Mb / 41P
Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
logo
Linear Technology
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
Vincotech
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
Buck-Boost for battery management
logo
Shenzhen Huazhimei Semi...
HM4095 HMSEMI-HM4095 Datasheet
1Mb / 8P
Buck-Boost Charge Management IC
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
Analog Devices
ADP5350 AD-ADP5350 Datasheet
1Mb / 63P
Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
5/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com