Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 47 of 60
Table 52. BAT_SOCACM_CTL, Address 0x22 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:6]
BATCAP_AGE[1:0]
R/W
01 = 1.5%
Battery Capacity Reduction Percentage When BAT_SOCACM Overflows.
00 = 0.8 %.
01 = 1.5 %.
10 = 3.1 %.
11 = 6.3 %.
[5:4]
BATCAP_TEMP[1:0]
R/W
00 = 0.2%/°C
Battery Capacity Compensation with Temperature Coefficient. The values of the
battery capacity compensation can be programmed by using the following values:
00 = 0.2 %/°C.
01 = 0.4 %/°C.
10 = 0.6 %/°C.
11 = 0.8 %/°C.
[3:2]
Reserved
Not applicable
Reserved
.
1
EN_BATCAP_TEMP
R/W
0
Battery Capacity Temperature Compensation Function Selection.
0 = disable battery capacity temperature compensation.
1 = enable battery capacity temperature compensation.
0
EN_BATCAP_AGE
R/W
0
Battery Capacity Aging Compensation Function Selection.
0 = disable battery capacity aging automatic adjustment.
1 = enable battery capacity aging automatic adjustment.
Table 53. BAT_SOCACM_H, Address 0x23 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
BAT_SOCACM[11:4]
R
Not applicable
Highest Eight Bits of an 8-Bit Accumulation of the Charge State
Number of Times for Charging = BAT_SOCACM[11:0]/100
Table 54. BAT_SOCACM_L, Address 0x24 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:4]
BAT_SOCACM[3:0]
R
Not applicable
Lowest Four Bits of a 4-Bit Accumulation of the Charge State
Number of Times for Charging = BAT_SOCACM[11:0]/100
[3:0]
Reserved
R
Not applicable
Reserved
Table 55. VBAT_READ_H, Address 0x25 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
VBAT_READ[12:5]
R
Not applicable
Battery Voltage Reading of the Highest Eight Bits (mV)
Table 56. VBAT_READ_L, Address 0x26 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:3]
VBAT_READ[4:0]
R
Not applicable
Battery Voltage Reading of the Lowest Five Bits (mV)
[2:0]
Reserved
R
Not applicable
Reserved
Table 57. FUEL_GAUGE_MODE, Address 0x27 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:6]
SOC_LOW_TH[1:0]
R/W
01 = 11%
Indication of Low State of Charge Threshold
00 = 6%
01 = 11%
10 = 21%
11 = 31%
[5:4]
SLP_CURR[1:0]
R/W
01 = 10 mA
Fuel Gauge Sleep Mode Current Threshold
00 = 5 mA
01 = 10 mA
10 = 20 mA
11 = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com