Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 17 of 60
CH1 2.00V
CH2 2.00V
M200ms
A CH1
920mV
1
2
3
4
B
W
CH3 1.00V
CH4 100mA
B
W
B
W
B
W
VBSNS
VOUT1
VVSYS
IISOB
Figure 32. Battery Overvoltage Protection Waveform,
VVBUS = 5 V, OV_CHG = 4.3 V, DGT_OV_CHG = 0.5 sec
CH1 2.00V
CH1 2.00V
CH2 2.00V
M20.0ms
A CH2
1.28V
1
2
3
4
T 11.08000ms
B
W
CH3 1.00V
CH4 50.0mA
B
W
B
W
B
W
VBSNS
VOUT1
VVSYS
IISOB
Figure 33. Battery Undervoltage Protection Waveform,
VVBUS = 0 V, UV_DISCH = 2.5 V, DGT_UV_DISCH = 30 ms
1
3
2
4
CH1 2.00V
CH2 2.00V
M4.00ms
A CH2
1.28V
T 2.040000ms
B
W
CH3 1.00V
CH4 100mA
B
W
B
W
B
W
VBSNS
VOUT1
VVSYS
IISOB
Figure 34. Battery Discharge Overcurrent Waveform,
VVBUS = 0 V, VISOB = 3.8 V, OC_DISCH = 100 mA, DGT_OC_DISCH = 10 ms
CH1 2.00V
CH1 2.00V
CH2 2.00V
M400ms
A CH2
1.64V
1
2
4
B
W
CH4 100mA
B
W
B
W
VBSNS
IISOB
VVSYS
Figure 35. Battery Charge Overcurrent Waveform,
VVBUS = 5 V, VISOB = 3.8 V, OC_CHG = 150 mA, DGT_OC_CHG = 10 ms
CH1 50.0mV
M200µs
A CH3
2.00V
1
3
4
T 0.000000s
B
W
CH3 5.00V
CH4 100mA BW
VOUT1
IL1
VSW1
Figure 36. Buck Steady Hysteresis Waveform, Hysteresis Mode,
VVIN2 = 3.8 V, VOUT1 = 1.2 V,
Buck Output Current (IOUT1) = 1 mA
1
3
4
CH1 20.0mV
M2.00µs
A CH3
2.00V
T 0.000000s
B
W
CH3 5.00V
CH4 100mA BW
VOUT1
IL1
VSW1
Figure 37. Buck Steady PWM Waveform, PWM Mode,
VVIN1 = 3.8 V, VOUT1 = 1.2 V, IOUT1 = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com