Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 33 of 60
I2C INTERFACE
The ADP5360 includes an I2C-compatible serial interface to
control the battery charging, fuel gauge, buck, and buck boost,
and to read back the system status.
I2C ADDRESSES
The I2C chip default address is 0x46. Different I2C addresses can
be factory programmable. Having different I2C address options
helps to avoid I2C address conflicts with other I2C slave chipsets
in the system. For different I2C chip address requirements,
contact the local Analog Devices sales or distribution
representative.
SDA AND SCL PINS
The ADP5360 has two dedicated I2C interface pins, SDA and SCL.
SDA is an open-drain line for receiving and transmitting data. SCL
is an input line for receiving the clock signal. Pull up these pins to
connect external input and output supplies using external
resistors.
Serial data is transferred on the rising edge of SCL. The read
data is generated at the SDA pin in read mode.
The subaddress content selects which of the ADP5360 registers
is written to first. The ADP5360 sends an acknowledgement to
the master after the 8-bit data byte is written (see Figure 56 for an
example of the I2C write sequence to a single register). The
ADP5360 increments the subaddress automatically and starts
receiving a data byte at the next register until the master sends
an I2C stop as shown in Figure 56.
INTERRUPTS
The ADP5360 provides an interrupt output (INT pin) for an
interrupt case. During normal operation, the INT pin is pulled
high using an external pull-up resistor. When an interrupt case
occurs, the ADP5360 pulls the INT pin low to alert the I2C host
that an interrupt case has occurred.
Many different interrupt sources can trigger the INT pin. By
default, no interrupt sources are configured. To select one or more
interrupt sources to trigger the INT pin, set the corresponding bits
to 1 in the INTERRUPT_ENABLE1 and INTERRUPT_ENABLE2
registers.
When the INT pin is triggered, the corresponding bits in the
INTERRUPT_FLAG1 and INTERRUPT_FLAG2 registers are
set to 1. The interrupt case that triggers the INT pin is read
from the INTERRUPT_FLAG1 and INTERRUPT_FLAG2
registers.
To clear an interrupt, write a 1 to the corresponding bit in the
INTERRUPT_FLAG1 and INTERRUPT_FLAG2 registers.
Otherwise, the ADP5360 power recycles. Reading the interrupt
or writing a 0 to the bit does not clear the interrupt.
SUBADDRESS
CHIP ADDRESS
ST
0
0
1
010
0
0
0
0 SP
ADP5360 RECEIVES
DATA
0
0 = WRITE
MASTER STOP
Figure 56. I2C Single Register Write Sequence
CHIP ADDRESS
SUBADDRESS
REGISTER N
ADP5360 RECEIVES
DATA TO REGISTER N
ADP5360 RECEIVES
DATA TO REGISTER N + 1
ADP5360 RECEIVES
DATA TO LAST REGISTER
ST
0
0
1
010
0
0
0
0
SP
0
0
0
0 = WRITE
MASTER STOP
Figure 57. I2C Multiple Register Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com