Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 58Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 59Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 56 of 60
Buck Boost Input Capacitor Selection
An input capacitor is required to reduce the input voltage ripple,
input ripple current, and source impedance. Place the input
capacitor as close as possible to the VIN2 pin.
For most applications, the VIN2 pin ties together with the VSYS
pin. The VSYS capacitance is effective, therefore, a 1 μF capacitor
is sufficient for the VIN2 pin. The input capacitor can be
increased without any limit for better input voltage filtering.
Suggested VIN2 capacitors are show in Table 75.
Buck Boost Inductor Selection
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal DCR.
Larger inductors have smaller DCR values that can decrease
inductor conduction losses. Inductor core losses are related to
the magnetic permeability of the core material.
Suggested buck boost inductors are shown in Table 76.
Buck Boost Output Capacitor Selection
Output capacitance is required to minimize the output voltage
overshoot and undershoot and to minimize the output ripple
significantly in hysteresis mode.
Suggested buck boost output capacitors are shown in Table 75.
Table 76. Recommended Inductors
Vendor
Model
Inductance (μH)
Dimensions (mm)
DCR (mΩ)
Rated Current (IR) (A)
Wurth
74479776247A
4.7
2.0 × 1.6 × 1.0
140
1.2
TDK
MLP2016H4R7
4.7
2.0 × 1.6 × 0.85
160
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com