Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 58Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 59Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 59 of 60
Parameter
Value
Default Setting
VOUT_BUCK
1.0 V
1.2 V for the ADP5360ACBZ-1-R7 and 1.8 V for the
ADP5360ACBZ-2-R7
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
EN_BUCKBST
Disable buck boost output
Disable buck boost output
Enable buck boost output
BUCKBST_SS
1 ms
1 ms
8 ms
64 ms
512 ms
DISCHG_BUCKBST
Disable output discharge function
Disable output discharge function
Enable output discharge function
VOUT_BUCKBST
2.5 V
3.3 V for the ADP5360ACBZ-2-R7 and 5.0 V for the
ADP5360ACBZ-1-R7
3.3 V
3.6 V
4.0 V
4.2 V
4.6 V
5.0 V
5.5 V
PG1_REV
Disable PGOOD1 pin output active low
Disable PGOOD1 pin output active low
Enable PGOOD1 pin output active low
VBUSOK_MASK1
Do not output the VVBUS voltage status signal to the external
PGOOD1 pin
Do not output the VVBUS voltage status signal to the
external PGOOD1 pin
Output the VVBUS voltage status signal to the external PGOOD1 pin
VOUT1OK_MASK1
Do not output the buck PGOOD signal to the external
PGOOD1 pin
Do not output the buck PGOOD signal to the
external PGOOD1 pin
Output the buck PGOOD signal to the external PGOOD1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com