Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 49 of 60
Table 60. Buck Output Voltage Setting, Address 0x2A Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:6]
BUCK_DLY[1:0]
R/W
00 = 0 μs
Buck Switch Delay Time in Hystersis. The values of the delay time can be programmed
by using the following values:
00 = 0 μs.
01 = 5 μs.
10 = 10 μs.
11 = 20 μs.
[5:0]
VOUT_BUCK[5:0]
R/W
Factory set
Buck Output Voltage Setting. The values of the voltage setting can be programmed by
using the following values:
000000 = 0.6 V.
000001 = 0.65 V.
…
111111 = 3.75 V.
Table 61. Buck Boost Configure, Address 0x2B Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:6]
BUCKBST_SS[1:0]
R/W
Factory set
Buck Boost Regulator Output Soft Start Time. The values of the start time can be
programmed byusing the following values:
00 = 1 ms.
01 = 8 ms.
10 = 64 ms.
11 = 512 ms.
[5:3]
BUCKBST_ILIM[2:0] R/W
011 = 400 mA
Buck Boost Regulator Peak Current Limit. The values of the peak current limit can
be programmed by using the following values:
000 = 100 mA.
001 = 200 mA.
010 = 300 mA.
011 = 400 mA.
100 = 500 mA.
101 = 600 mA.
110 = 700 mA.
111 = 800 mA.
2
STP_BUCKBST
R/W
0 = disable
Enable Stop Feature to Buck Boost Regulator.
0 = disable pulse stop feature.
1 = enable pulse stop feature.
1
DISCHG_BUCKBST
R/W
Factory set
Configure Output Discharge Functionality for Buck Boost.
0 = disable output discharge function.
1 = enable output discharge function.
0
EN_BUCKBST
R/W
Factory set
Buck Boost Output Control.
0 = disable buck boost output.
1 = enable buck boost output.
Table 62. Buck Boost Output Voltage Setting, Address 0x2C Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:6]
BUCKBST_DLY[1:0]
R/W
00 = 0 μs
Buck Boost Switch Delay Time in Hystersis. The values of the delay time can be
programmed by using the following values:
00 = 0 μs.
01 = 5 μs.
10 = 10 μs.
11 = 20 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com