Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 36 of 60
Address
(Hex)
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x14
Battery
Protection
Overvoltage
Setting
[7:0]
OV_CHG[4:0]
HYS_OV_CHG[1:0]
DGT_OV_
CHG
0x15
Battery
Protection
Charge
Overcharge
Setting
[7:0]
OC_CHG[2:0]
DGT_OC_CHG[1:0]
Reserved
0x16
V_SOC_0
[7:0]
V_SOC_0[7:0]
0x17
V_SOC_5
[7:0]
V_SOC_5[7:0]
0x18
V_SOC_11
[7:0]
V_SOC_11[7:0]
0x19
V_SOC_19
[7:0]
V_SOC_19[7:0]
0x1A
V_SOC_28
[7:0]
V_SOC_28[7:0]
0x1B
V_SOC_41
[7:0]
V_SOC_41[7:0]
0x1C
V_SOC_55
[7:0]
V_SOC_55[7:0]
0x1D
V_SOC_69
[7:0]
V_SOC_69[7:0]
0x1E
V_SOC_84
[7:0]
V_SOC_84[7:0]
0x1F
V_SOC_100
[7:0]
V_SOC_100[7:0]
0x20
BAT_CAP
[7:0]
BAT_CAP[7:0]
0x21
BAT_SOC
[7:0]
Reserved
BAT_SOC[6:0]
0x22
BAT_
SOCACM_CTL
[7:0]
BATCAP_AGE[1:0]
BATCAP_TEMP[1:0]
Reserved
EN_
BATCAP_
TEMP
EN_
BATCAP_
AGE
0x23
BAT_
SOCACM_H
[7:0]
BAT_SOCACM[11:4]
0x24
BAT_
SOCACM_L
[7:0]
BAT_SOCACM[3:0]
Reserved
0x25
VBAT_READ_H
[7:0]
VBAT_READ[12:5]
0x26
VBAT_READ_L
[7:0]
VBAT_READ[4:0]
Reserved
0x27
FUEL_
GAUGE_MODE
[7:0]
SOC_LOW_TH[1:0]
SLP_CURR[1:0]
SLP_TIME[1:0]
FG_
MODE
EN_FG
0x28
SOC_RESET
[7:0]
SOC_
RESET
Reserved
0x29
Buck Configure
[7:0]
BUCK_SS[1:0]
BUCK_ILIM[1:0]
BUCK_
MODE
STP_
BUCK
DISCHG_
BUCK
EN_BUCK
0x2A
Buck Output
Voltage Setting
[7:0]
BUCK_DLY[1:0]
VOUT_BUCK[5:0]
0x2B
Buck Boost
Configure
[7:0]
BUCKBST_SS[1:0]
BUCKBST_ILIM[2:0]
STP_
BUCKBST
DISCHG_
BUCKBST
EN_
BUCKBST
0x2C
Buck Boost
Output Voltage
Setting
[7:0]
BUCKBST_DLY[1:0]
VOUT_BUCKBST[5:0]
0x2D
Supervisory
Setting
[7:0]
VOUT1_
RST
VOUT2_
RST
RESET_
TIME
WD_TIME[1:0]
EN_WD
EN_MR_
SD
RESET_WD
0x2E
Fault
[7:0]
BAT_UV
BAT_OC
BAT_
CHGOC
BAT_CHGOV
Reserved
WD_
TIMEOUT
Reserved
TSD110
0x2F
PGOOD_
STATUS
[7:0]
Reserved
MR_PRESS
CHG_CMPLT
VBUSOK
BATOK
VOUT2OK
VOUT1OK
0x30
PGOOD1_
MASK
[7:0]
PG1_REV
Reserved
CHGCMPLT_
MASK1
VBUSOK_
MASK1
BATOK_
MASK1
VOUT2OK_
MASK1
VOUT1OK_
MASK1
0x31
PGOOD2_
MASK
[7:0]
PG2_REV
Reserved
CHGCMPLT_
MASK2
VBUSOK_
MASK2
BATOK_
MASK2
VOUT2OK_
MASK2
VOUT1OK_
MASK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com