Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 46 of 60
Table 42. V_SOC_11, Address 0x18 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_11[7:0]
R/W
0x94
Battery Voltage When State of Charge = 11%. The default voltage is 3.684 V.
Battery voltage (V) = (2.5 + V_SOC_11 × 0.008) (V).
Table 43. V_SOC_19, Address 0x19 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_19[7:0]
R/W
0x99
Battery Voltage When State of Charge = 19%. The default voltage is 3.724 V.
Battery voltage (V) = (2.5 + V_SOC_19 × 0.008) (V).
Table 44. V_SOC_28, Address 0x1A Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_28[7:0]
R/W
0x9E
Battery Voltage When State of Charge = 28%. The default voltage is 3.764 V.
Battery Voltage (V) = (2.5 + V_SOC_28 × 0.008) (V).
Table 45. V_SOC_41, Address 0x1B Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_41[7:0]
R/W
0xA3
Battery Voltage When State of Charge = 41%. The default voltage is 3.804 V.
Battery Voltage (V) = (2.5 + V_SOC_41 × 0.008) (V).
Table 46. V_SOC_55, Address 0x1C Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_55[7:0]
R/W
0xAB
Battery Voltage When State of Charge = 55%. The default voltage is 3.868 V.
Battery Voltage (V) = (2.5 + V_SOC_55 × 0.008) (V).
Table 47. V_SOC_69, Address 0x1D Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_69[7:0]
R/W
0xB5
Battery Voltage When State of Charge = 69%. The default voltage is 3.948 V.
Battery Voltage (V) = (2.5 + V_SOC_69 × 0.008) (V).
Table 48. V_SOC_84, Address 0x1E Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_84[7:0]
R/W
0xC4
Battery Voltage When State of Charge = 84%. The default voltage is 4.068 V.
Battery Voltage (V) = (2.5 + V_SOC_84 × 0.008) (V).
Table 49. V_SOC_100, Address 0x1F Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_100[7:0]
R/W
0xD5
Battery Voltage When State of Charge = 100%. The default voltage is 4.204 V.
Battery Voltage (V) = (2.5 + V_SOC_100 × 0.008) (V).
Table 50. BAT_CAP, Address 0x20 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
BAT_CAP[7:0]
R/W
0x32
Battery Capacity Input
Battery Capacity = (BAT_CAP × 2) mAh
Table 51. BAT_SOC, Address 0x21 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
Reserved
R
Not applicable
Reserved
[6:0]
BAT_SOC[6:0]
R
Not applicable
Battery State of Charge Output
State of Charge = BAT_SOC %, Only Valued Between 0% to 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com