Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 16 of 60
TYPICAL WAVEFORMS
CH1 5.00V
CH2 5.00V
M100ms
A CH2
1.80V
1
3
2
4
B
W
CH3 5.00V
CH4 100mA
Ω
B
W
B
W
B
W
VVBUS
VENCHG
VVSYS
IISOB
Figure 26. Charge Startup, VVBUS = 5 V, VISOB = 3.8 V,
IILIM = 200 mA, ICHG = 100 mA
CH1 5.00V
CH2 5.00V
M200ms
A CH4
116mA
1
2
3
4
B
W
CH3 2.00V
CH4 50.0mA
B
W
B
W
B
W
VVBUS
VISOB
VVSYS
IISOB
Figure 27. USB Connect and Start Charge, VVBUS = 5 V,
VISOB = 3.8 V, ICHG = 100 mA
CH1 5.00V
M400µs
A CH4
172mA
1
4
T 1.196000ms
B
W
B
W
CH4 200mA
VVSYS
IVSYS
Figure 28. VSYS Load Transient, IVSYS = 50 mA to 300 mA
CH1 2.00V
CH1 2.00V
CH2 2.00V
M200ms
A CH2
2.04V
1
2
B
W
B
W
VISOB
VVBUS
Figure 29. Battery Detection Waveform
CH1 5.00V
CH2 5.00V
M200ms
A CH4
116mA
1
2
3
4
B
W
CH3 2.00V
CH4 50.0mA
B
W
B
W
B
W
VVBUS
VISOB
VVSYS
IISOB
Figure 30. USB Disconnect and End Charge, VVBUS = 5 V, VISOB = 3.8 V,
ICHG = 100 mA
1
3
2
4
CH1 2.00V
CH2 2.00V
M10.0ms
A CH4
61.0mA
T 19.60000ms
B
W
CH3 2.00V
CH4 50.0mA
B
W
B
W
B
W
VVBUS
VISOB
VVSYS
IISOB
Figure 31. Adaptive Charge Current, VADPICHG[2:0] = 4.6 V,
VVBUS = 5 V with 10 Ω Impedance, ICHG = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com