Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 53 of 60
Table 70. INTERRUPT_FLAG1 Register, Address 0x34 Bit Descriptions
Bit(s) Bit Name
Access Default
Description
7
SOCLOW_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by low battery voltage.
6
SOCACM_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by state of charge accumulation to
4096 points and an overflow of points.
5
ADPICHG_INT
R
Not applicable
When high, this bit indicates an interrupt caused by VBUS input current-limit
adaptive regulation.
4
BATPRO_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by battery protection triggered with
battery fault events.
3
THR_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by THR temperature thresholds.
2
BAT_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by battery voltage thresholds.
1
CHG_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by a charger mode change.
0
VBUS_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by VBUS voltage threshold.
1
When reading the register, the interrupt bit resets automatically.
Table 71. INTERRUPT_FLAG2 Register, Address 0x35 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
MR_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by the MR press.
6
WD_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by the watchdog alarm.
5
BUCKPG_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by aVOUT1OK trigger.
4
BUCKBSTPG_INT1
R
Not applicable
When high, this bit indicates an interrupt caused by aVOUT2OK trigger.
[3:0]
Reserved
R
Not applicable
Reserved
.
1
When reading the register, the interrupt bit resets automatically.
Table 72. SHIPMODE Register, Address 0x36 Bit Descriptions
Bit(s) Bit Name
Access Default
Description
[7:1]
Reserved
R
Not applicable
Reserved
.
0
EN_SHIPMODE R/W
0
When high, theADP5360 enters shipment mode. When low, shipment mode is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com