Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 44 of 60
Table 37. Battery Protection Overcharge Setting, Address 0x13 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:5]
OC_DISCH[2:0]
R/W
Factory set
Battery Overcurrent Protection for Overdischarge Threshold. The values of the
battery overcurrent protection can be programmed by using the following values:
000 = 50 mA.
001 = 100 mA.
010 = 150 mA.
011 = 200 mA.
100 = 300 mA.
101 = 400 mA.
110 = 500 mA.
111 = 600 mA.
4
Reserved
R
Not applicable
Reserved
[3:1]
DGT_OC_DISCH[2:0] R/W
011 = 5 ms
Battery Discharge Overcurrent Protection Deglitch Time Setting. The values of
the battery discharge overcurrent protection can be programmed by using the
following values:
001 = 0.5 ms.
010 = 1 ms.
011 = 5 ms.
100 = 10 ms.
101 = 20 ms.
110 = 50 ms.
111 = 100 ms.
0
Reserved
R
Not applicable
Reserved
Table 38. Battery Protection Overvoltage Setting, Address 0x14 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:3]
OV_CHG[4:0]
R/W
Factory set
Battery Overvoltage Protection Threshold. The values of the battery overvoltage
protection threshold can be programmed by using the following values:
00000 = 3.55 V.
00001 = 3.60 V.
00010 = 3.65 V.
00011 = 3.70 V.
00100 = 3.75 V.
00101 = 3.80 V.
00110 = 3.85 V.
00111 = 3.90 V.
01000 = 3.95 V.
01001 = 4.00 V.
01010 = 4.05 V.
01011 = 4.10 V.
01100 = 4.15 V.
01101 = 4.20 V.
01110 = 4.25 V.
01111 = 4.30 V.
10000 = 4.35 V.
10001 = 4.40 V.
10010 = 4.45 V.
10011 = 4.50 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com