Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 29 of 60
Program Output Voltages
Adjustable output voltage settings are available on the ADP5360
by connecting a resistor through the VID1 pin to the AGND1
and AGND2 pins. The VID detection circuitry works in the
start-up period, and the voltage ID code is sampled and held
into the internal register and does not change until the next
power recycle.
Table 16 lists the output voltage options for the VID1 pin
configurations. Additional output voltage options from 0.6 V to
3.75 V with a 50 mV step are available on the ADP5360, and to
program these options set the VOUT_BUCKBST[5:0] bits,
Address 0x2C via the I2C interface. The ADP5360 also has a fixed
output voltage that is programmed via the factory fuse. In this
case, connect the VID1 pin to the VIN1 pin.
Table 16. VOUT1 Default Set Using the VID1 Pin
VID1 Resistor, RVID1 Value (kΩ)
VOUT1 Value (V)
100
3.3
68
3.0
47
2.8
36
2.5
27
1.8
20
1.5
15
1.2
10
1.0
For the output voltage settings, the feedback resistor divider is
built into the ADP5360, and the feedback pin (FB1) must be
tied directly to the output. An ultra low power voltage reference
and an integrated high impedance feedback divider network
contribute to the low quiescent current. Floating the VID1 pin
activates the register default value when powering up.
Enable and Disable
The ADP5360 includes a hardware enable pin (EN1). A logic
high on the EN1 pin starts the buck regulator. Due to the low
quiescent current design, it is typical for the regulator to start
switching after a delay of a few milliseconds from when the
EN1 pin is pulled high. Do not pull the EN1 pin high to the
ISOB pin because that can cause unexpected leakage current. It
is recommended to pull the EN1 pin high to the VSYS pin with
a resistor.
The EN_BUCK bit, Address 0x29, can control the buck enable
and disable, which is logically ANDed with the EN1 pin. For
example, set the EN_BUCK bit high, and use the EN1 pin
control buck to enable or to disable. Alternatively, pull the EN1
pin high and set the EN_BUCK bit via the I2C interface.
PGOOD Indication
The VOUT1OK bit, Address 0x2F, indicates whether the buck
regulator is working appropriately. Alogic high indicates that the
output voltage of the buck regulator is higher than 90% (typical
rising threshold) of the nominal output. When the regulated
output voltage falls lower than 87% (typical falling threshold) of
the nominal output, the VOUT1OK bit goes low.
The status indication of the VOUT1OK bit can be masked to
the hardware pin output of the PGOOD1 pin or PGOOD2 pin
by setting Register PGOODx_MASK with the I2C interface.
Soft Start
The ADP5360 buck regulator has an internal soft start function
that ramps up the output voltage in a controlled manner during
startup, thereby limiting the inrush current. This feature prevents
possible input voltage drops when a battery or a high impedance
power source is connected to the input of the device. The default
typical soft start time is 1 ms for the regulator. Other soft start
times (8 ms, 64 ms, and 512 ms) can be programmed for the
ADP5360 by the I2C interface.
100% Duty Cycle Operation
When the input voltage approaches the output voltage, the
ADP5360 stops switching and enters 100% duty cycle operation.
The buck connects the output via the inductor and the internal
high-side power switch to the input. When the input voltage is
charged again, and the required duty cycle falls to 95% typical, and
the buck immediately restarts switching and regulation without
allowing overshoot on the output voltage.
Active Discharge
The ADP5360 integrates an optional discharge switch from
the switching node to ground. This switch turns on when the
associated regulator is disabled to help discharge the output
capacitor quickly. The typical value of the discharge switch is
255 Ω for the regulator.
The active discharge feature can be enabled by setting the
DISCHG_BUCK bit, Address 0x29, high for the buck regulator.
Current-Limit Protection
The buck regulator in the ADP5360 has protection circuitry
that limits the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-side
MOSFET in cycle by cycle mode. The positive current limit on
the high-side MOSFET limits the amount of current that can
flow from the input to the output. The negative current limit on
the low-side MOSFET prevents the inductor current from
reversing direction and flowing out of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com