Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 26 of 60
load current is applied. When the battery voltage reaches terminal
voltage and charging completes, the battery state of the charge
register, BAT_SOC, indicates 100% for battery capacity.
When the state of charge data is lower than the SOC_LOW_TH[1:0]
bits configuration, the interrupt asserts, and the SOCLOW_INT bit
is set high for as long as the low state of the charge interrupt
feature is allowed.
Operation Mode
The ADP5360 fuel gauge default is shutdown mode to provide
extremely low standby current consumption from the battery.
After enabling the fuel gauge function, the state of charge
initializes and calculates the first data only according to the
battery voltage. Two operation modes can be selected: active
and sleep. The I2C controls fuel gauge operation mode selection.
During active mode, the battery state of charge updates every
ten seconds, and the battery voltage and instant current (IINS)
are sampled every second. The new mapping state of charge
compares to the last state of charge value and then updates
using the adaptive state of charge limit. According to the sense
current and input battery capacity, the ADP5360 calculates the
state of charge limit for a state of charge update each cycle.
During sleep mode, the state of charge update cycle is one minute,
and the voltage and the current are sampled every 7.5 seconds.
During this mode, the 12-bitADC uses intervals and shutdown
mode to save as much quiescent current as possible. Table 15
shows the fuel gauge quiescent current,ADC sample rate, and state
of charge update rate. When the sense current is higher than the
sleep current threshold setting (Address 0x27, SLP_CURR[1:0]
bits), the ADP5360 fuel gauge exits sleep mode and enters active
mode automatically.
Battery Capacity Adjustment with Aging
The ADP5360 features record total battery charged energy
reporting when the device powers up, which allows estimation
of battery aging.
The 12 BAT_SOCACM_H and BAT_SOCACM_L bits
accumulate increased state of charge during every charge cycle.
For example, the state of charge increases from 20% to 80%
during charging, and these bits add 60 points. 100 points indicates
one full charge cycle.
When BAT_SOCACM_H and BAT_SOCACM_L increase and
reache 4096 points, and the battery has compiled nearly 41 full
charges, then the BAT_SOCACM_H and BAT_SOCACM_L
bits overflow and clear. The interrupt SOCACM_INT bit in
Regiser 0x34 immediately asserts, and the system can adjust the
BAT_CAP register manually or select automatic adjustment by
setting the EN_BATCAP_AGE bit high. When selecting the
battery aging automatic adjustment function, the battery
capacity reduction proportion can be programmed by the
BATCAP_AGE bits. When enabling this battery capacity aging
automatic adjustment function, the BAT_CAP register cannot be
rewritten to because this register is automatically adjusted by
the ADP5360.
Battery Capacity Adjustment with Temperature
The Li-Ion battery capacity depends on the ambient operation
temperature. The ADP5360 automatically adjusts the battery
capacity calculation value based on the temperature variation
when setting the EN_BATCAP_TEMP bit high. The
temperature information comes from the THR node voltage
sense. Therefore, the battery THR function must be active, and
the EN_THR bit must be set to high.
The BATCAP_TEMP[1:0] bits can program the battery capacity
calculation value adjustment proportion, and this value
decreases as the temperature rises. This battery capacity
adjustment is only effective when the THR node voltage
senses the corresponding range of the TEMP_HIGH_45 to
TEMP_LOW_0 bits (see Figure 52 and Table 17).
TEMPERATURE (°C)
60
65
70
75
80
85
90
95
100
105
0
5
10
15
20
25
30
35
40
45
0.2%/°C
0.4%/°C
0.6%/°C
0.8%/°C
Figure 52. Battery Capacity Adjustment by Temperature in Fuel Gauge
Table 15. Fuel Gauge Operating Mode
Operation Mode
Typical Quiescent Current (μA)
ADC Sample Rate (sec)
State of Charge Update Rate
Sleep
0.2
7.5
1 min
15
4 min
30
8 min
60
16 min
Active
3.5
1
10 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com