Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 18 of 60
CH1 1.00V
CH2 2.00V
M4.00ms
A CH1
600mV
1
3
2
4
T 9.960000ms
B
W
CH3 5.00V
CH4 200mA
B
W
B
W
VOUT1
VSW1
VPGOOD1
IL1
Figure 38. Buck Output Soft Start, Set EN_BUCK High,
PWM Mode, VVIN1 = 3.8 V, VOUT1 = 1.2 V, PGOOD1 Mask to Buck Output
(VOUT1), IOUT1 = 1 mA, tSS1 = 8 ms
1
3
4
2
CH1 1.00V
CH2 5.00V
M40.0ms
A CH4
2.50V
B
W
CH3 5.00V
CH4 5.00V BW
VOUT1
VSW1
VPGOOD1
VSTP
Figure 39. Buck Stop Function Waveform, VVIN1 = 3.8 V, VOUT1 = 1.2 V,
Hysteresis Mode, PGOOD1 Mask to VOUT1, STP_BUCK = 1 Bit
1
4
CH1 50.0mV
M100µs A CH4
82.0mA
T 289.0000µs
B
W
CH4 100mA BW
VOUT1
IOUT1
Figure 40. Buck Output Transient Waveform, VVIN1 = 3.8 V, VOUT1 = 1.2 V,
IOUT1 = 1 mA to 100 mA, PWM Mode
CH1 50.0mV
M4.00ms
A CH4
62.0mA
1
4
T 11.96920ms
B
W
CH4 100mA BW
VOUT1
IOUT1
Figure 41. Buck Output Transient Waveform, VVIN1 = 3.8 V, VOUT1 = 1.2 V,
IOUT1 = 1 mA to 100 mA, Hysteresis Mode
CH1 5.00V
CH2 5.00V
M4.00ms
A CH1
3.40V
1
3
2
4
T 11.08000ms
B
W
CH3 5.00V
CH4 200mA BW
VPGOOD2
VSW2A
VSW2B
VVOUT2
Figure 42. Buck Boost Output SoftStart Waveform, VVIN2 = 3.8 V, VOUT2 =5 V,
BUCKBST_SS[0:1] = 8 ms, Buck Boost Output Current (IOUT2) = 1 mA,
PGOOD2 Mask to VOUT2
CH1 100mV
CH2 5.00V
M200µs
A CH2
2.70V
1
3
2
4
T 0.000000s
B
W
CH3 5.00V
CH4 100mA BW
VVOUT2
VSW2B
VSW2A
IL2
Figure 43. Buck Boost Steady Waveform, VVIN2 = 3.8 V,
VOUT2 = 5 V, IOUT2 = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com