Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 19 of 60
CH1 5.00V
CH2 2.00V
M4.00ms
A CH4
2.90V
1
3
2
4
T 12.08000ms
B
W
CH3 5.00V
CH4 5.00V
B
W
B
W
VVOUT2
VSW2A
VSTP
VPGOOD2
Figure 44. Buck Boost Stop Function Waveform, VVIN2 = 3.8 V,
VVOUT2 =5 V, PGOOD2 Mask to VOUT2, STP_BUCKBST = 1 Bit
CH1 100mV
M4.00ms
CH4
49.0mA
1
4
T 11.96920ms
B
W
CH4 50.0mA
B
W
VVOUT2
IOUT2
Figure 45. Buck Boost Output Transient Waveform,
VVIN2 = 3.8 V, VVOUT2 = 3.3 V, IOUT2 = 1 mA to 50 mA
CH1 1.00V
CH1 1.00V
CH2 2.00V
M40.0ms
A CH1
600mV
1
3
2
B
W
CH3 2.00V BW
B
W
VPGOOD1
VOUT1
VRESET
Figure 46. RESET Output and VOUT1, VISOB = 3.8 V, VOUT1 = 1.2 V,
RESET_TIME = 200 ms, PGOOD1 Mask to VOUT1
CH1 1.00V
CH1 1.00V
CH2 5.00V
M100ms
A CH1
600mV
1
3
2
4
B
W
CH3 2.00V
CH4 5.00V
B
W
B
W
B
W
VOUT1
VRESET
VMR
VINT
Figure 47. MR Press to Trigger Interrupt and RESET, EN_WD_INT = 1 Bit,
RESET_TIME = 200 ms
1
3
2
4
CH1 1.00V
CH2 2.00V
M4.00s
A CH1
600mV
B
W
CH3 2.00V
CH4 5.00V
B
W
B
W
B
W
VVSYS
VOUT1
VRESET
VMR
Figure 48. Press MR for Greater than 12 sec to Enter Shipment Mode,
EN_MR_SD = 1 Bit, ENSD Pin High
CH1 1.00V
CH1 1.00V
CH2 2.00V
M100ms
A CH1
600mV
1
3
2
4
B
W
CH3 2.00V
CH4 5.00V
B
W
B
W
B
W
VOUT1
VRESET
VVSYS
VMR
Figure 49. Press MR to Exit Shipment Mode, ENSD Pin High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com