Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation VSC8658 Datasheet HTML 22Page - Microsemi Corporation VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation VSC8658 Datasheet HTML 27Page - Microsemi Corporation VSC8658 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
16
•CLKOUT
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low
power state and transitions to the normal operating state when signal energy is detected on the media.
This happens when the PHY is connected to one of the following:
•
Auto-negotiation capable link partner
•
Another PHY in enhanced ActiPHY LP wake-up state
In the absence of signal energy on the media pins, the PHY transitions from the low power state to the
LP wake-up state periodically based on the programmable sleep timer (register bits 20E.14:13). The
actual sleep time duration is randomized from –80 milliseconds (ms) to +60 ms to avoid two linked PHYs
in ActiPHY mode entering a lock-up state during operation.
4.12.2
Link Partner Wake-up State
In this state, the PHY attempts to wake up the link partner. Up to three complete FLP bursts are sent on
alternating pairs A and B of the Cat5 media for a duration based on the wake-up timer, which is set using
register bits 20E.12:11.
In this state, the following functionality is provided:
•
SMI interface (MDC, MDIO, MDINT_n)
•CLKOUT
After sending signal energy on the relevant media, the PHY returns to the low power state.
4.12.3
Normal Operating State
In this state, the PHY establishes a link with a link partner. When the media is unplugged or the link
partner is powered down, the PHY waits for the duration of the programmable link status time-out timer,
which is set using register bit 28.7 and bit 28.2. It then enters the low power state.
4.13
Serial Management Interface
The VSC8658 device includes an IEEE 802.3-compliant serial management interface (SMI) that is
affected by use of its MDC and MDIO pins. The SMI provides access to device control and status
registers. The register set that controls the SMI consists of 32 16-bit registers, including all required
IEEE-specified registers. Also, there are additional pages of registers accessible using device register
31.
For more information, see Extended Page Registers, page 45.
The SMI is a synchronous serial interface with bidirectional data on the MDIO pin that is clocked on the
rising edge of the MDC pin. The interface can be clocked at a rate from 0 MHz to 12.5 MHz, depending
on the total load on MDIO. An external, 2 k
Ω pull-up resistor is required on the MDIO pin.
4.13.1
SMI Frames
Data is transferred over the SMI using 32-bit frames with an optional and arbitrary length preamble. The
following illustrations show the SMI frame format for the read operation and write operation.
Figure 9 •
SMI Read Frame
MDC
MDIO
Preamble
(optional)
SFD
1
Z1
0
Read
1
0
PHY Address
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
Register Address
to PHY
Z0
TA
Register Data from PHY
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Z
Z
Idle
Idle
Z
Station Manager Drives MDIO
PHY Drives MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com