Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
36
Note If bit 18.1 is set to 1 in this register, automatic exchange of next pages is disabled, and control is
returned to the user through the SMI after the base page is exchanged. The user then must send the
correct sequence of next pages to the link partner, determine the common capabilities, and force the
device into the correct configuration following the successful exchange of pages.
5.2.16
Reserved Main Address Space
The bits in register 19, register 20, and register 21 (0x13, 0x14, and 0x15, respectively) are reserved.
5.2.17
Extended Control and Status
The bits in register 22 provide additional device control and readouts. The following table shows the
settings available.
4
Disable polarity
correction
R/W
This is a sticky bit.
1 = Disable polarity inversion correction on
each subchannel.
0
3
Parallel detect control R/W
This is a sticky bit.
1 = Do not ignore advertised ability.
0 = Ignore advertised ability.
1
2Reserved
RO
1
Disable automatic
1000BASE-T next
page exchange
R/W
This is a sticky bit.
1 = Disable automatic 1000BASE-T next page
exchanges.
0
0
CLKOUT output
enable
R/W
This is a sticky bit.
1 = Enable clock output pin.
CMODE
Table 26 •
Extended Control and Status, Address 22 (0x16)
Bit
Name
Access
Description
Default
15
Force 10BASE-T
link high
R/W
This is a sticky bit.
1 = Bypass link integrity test.
0 = Enable link integrity test.
0
14
Jabber detect
disable
R/W
This is a sticky bit.
1 = Disable jabber detect.
0
13
Disable 10BASE-T
echo
R/W
This is a sticky bit.
1 = Disable 10BASE-T echo.
1
12
Reserved
RO
11:10
10BASE-T squelch
control
R/W
This is a sticky bit.
00 = Normal squelch.
01 = Low squelch.
10 = High squelch.
11 = Reserved.
00
9
Sticky reset enable R/W
This is a super-sticky bit.
1 = Enabled.
1
8
EOF Error
RO
This bit is self-clearing.
1 = EOF error detected.
0
7
10BASE-T
disconnect state
RO
This bit is self-clearing.
1 = 10BASE-T link disconnect detected.
0
Table 25 •
Bypass Control, Address 18 (0x12) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com