Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
56
MAC
auto-negotiation
Register 23,
bit 13
6
3
0 = Disabled.
1 = Enabled.
ActiPHY
Register 28,
bit 6
6
2
0 = Disabled.
1 = Enabled.
Advertise
asymmetric pause
Register 4,
bit 11
6
1
0 = Not advertised.
1 = Advertised.
Advertise symmetric
pause
Register 4,
bit 10
6
0
0 = Not advertised.
1 = Advertised.
Media interface [2:0] Register 23,
bits 10:8
5, 4, 3
3
000 = Cat5 copper only.
001 = SerDes Fiber/SFP Pass-Through mode only. No
auto-negotiation performed in the PHY.
010 = 1000BASE-X Fiber/SFP mode only with auto-
negotiation performed by the PHY.
011 = 100BASE-X Fiber/SFP mode on the fiber media pins
only.
101 = Auto-media sense with Cat5 media or SerDes
Fiber/SFP Pass-Through mode.
110 = Auto-media sense with Cat5 media or 1000BASE-X
Fiber/SFP mode with auto-negotiation performed by PHY.
111 = Auto-media sense with Cat5 media or 100BASE-FX
Fiber/SFP mode.
100 = Reserved.
SIGDET polarity
Register 19E,
bit 0
5
2
0 = Active high.
1 = Active low.
Clock speed
Register 20E,
bit 8
5
1
0 = 125 MHz.
1 = 156.2 MHz.
CLKOUT enable
Register 18,
bit 0
5
0
0 = Disabled.
1 = Enabled.
LED fiber/copper
combine
Register 30,
bit 15
4
2
0 = Combine enabled (Copper/Fiber on
Link/LinkXXXX/Activity LED).
1 = Disable combination (Link/LinkXXXX/Activity LED
indicates copper only).
LED blink/pulse
stretch rate
Register 30,
bits 11:10
4
1 and 0 00 = 2.5 Hz blink rate, 400 ms pulse stretch.
01 = 5.0 Hz blink rate, 200 ms pulse stretch.
10 = 10.0 Hz blink rate, 100 ms pulse stretch.
11 = 20.0 Hz blink rate, 50 ms pulse stretch.
LED_3, LED_2,
LED_1, and LED_0
combine or separate
Register 30,
bits 3:0
3, 2, 1,
and 0
2
0 = Link, Link10, Link100, Link1000, Link10/100,
Link10/1000, Link100/1000.
LEDs blink or flash when activity is present.
Also, a duplex LED blinks or flashes when collision is
present.
1 = Link, Link10, Link100, Link1000, Link10/100,
Link10/1000, Link100/1000.
LEDs indicate status only.
Also, a duplex LED indicates a duplex status only.
LED_3 indication
function
Register 29,
bits 15:12
3
1 and 0 00 = Duplex or collision.
01 = Link100 or activity.
10 = Activity.
11 = Fiber_Link/Fiber_Activity.
Table 59 •
Device Functions and Associated CMODE Pins (continued)
Function
Sets MII
Register
CMODE
Pin
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com