Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 83Page - Microsemi Corporation VSC8658 Datasheet HTML 84Page - Microsemi Corporation VSC8658 Datasheet HTML 85Page - Microsemi Corporation VSC8658 Datasheet HTML 86Page - Microsemi Corporation VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
Pin Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
79
Although certain function pins may not be used for a specific application, all power supply pins must be
connected to their respective voltage input.
U2 V2 AB4
VDDIO
3.3 V
2.5 V
1.8 V
I/O power supply
K8 K19 L8 L19 M8 M19 N8 N19 P8
P19 R8 R19 T8 T19 U8 U9 U10 U11
U12 U13 U14 U15 U16 U17 U18 U19
VDD12
1.2 V
Internal digital core voltage
C7 C13 C19 C20 D6 D7 D13 D19 D20
D23 E3 E4 E24 AB24 AC4 AC5 AC7
AC8 AC11 AC12 AC13 AC15 AC16
AC18 AC19 AC20 AC24 AD8 AD19
VDD12A
1.2 V
1.2 V analog power requiring additional PCB power
supply filtering
A2 B1 B2 B26 C5 C8 C9 C14 C15 C18
C24 C26 D5 D8 D9 D14 D15 D18 D24
F3 H1 H2 H3 H4 H26 K1 K2 K9 K10
K11 K12 K13 K14 K15 K16 K17 K18
K23 L9 L10 L11 L12 L13 L14 L15 L16
L17 L18 L23 M9 M10 M11 M12 M13
M14 M15 M16 M17 M18 N9 N10 N11
N12 N13 N14 N15 N16 N17 N18 P9
P10 P11 P12 P13 P14 P15 P16 P17
P18 R9 R10 R11 R12 R13 R14 R15
R16 R17 R18 T9 T10 T11 T12 T13 T14
T15 T16 T17 T18 V4 Y25 Y26 AA4
AA24 AB3 AC3 AC6 AC9 AC10 AC14
AC17 AC21 AC22 AC23 AD4 AD6 AD9
AD10 AD13 AD15 AD16 AD18 AD22
AD23 AD24 AE1 AE26
VSS
0 V
General device ground
Table 89 •
Power Supply and Associated Function Pins
Pin
Nominal
Voltage
Associated Functional Pins
VDD33
3.3 V
LED[3:0]_n, GPIO[15:0], EECLK, EEDAT, JTAG (5), XTAL1,
XTAL2, CMODE, TXVP_n, TXVN_n, REF_FILT, REF_REXT
VDDIO
1.8 V, 2.5 V,
3.3 V
MDC, MDIO, MDINT_n, nRESET, CLKOUT
VDD12A
1.2 V
MAC_RDP/N_n, MAC_TDP/N_n
VDD12
1.2 V
N/A (Internal Core Voltage)
Table 88 •
Power Supply Pins (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com