Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 32 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 28Page - Microsemi Corporation VSC8658 Datasheet HTML 29Page - Microsemi Corporation VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
24
Figure 16 •
Test Access Port and Boundary Scan Architecture Diagram
After a TAP reset, the device identification register is serially connected between TDI and TDO by
default. The TAP instruction register is loaded either from a shift register (when a new instruction is
shifted in) or, if there is no new instruction in the shift register, a default value of 0110 (IDCODE) is
loaded. Using this method, there is always a valid code in the instruction register, and the problem of
toggling instruction bits during a shift is avoided. Unused codes are mapped to the BYPASS instruction.
4.16.8
JTAG Instruction Codes
The VSC8658 device supports the following instruction codes:
EXTEST Allows tests of the off-chip circuitry and board-level interconnections by sampling input pins
and loading data onto output pins. Outputs are driven by the contents of the boundary-scan cells, which
have to be updated with valid values (with the PRELOAD instruction) prior to the EXTEST instruction.
SAMPLE/PRELOAD Allows a snapshot of inputs and outputs during normal system operation to be
taken and examined. It also allows data values to be loaded into the boundary-scan cells prior to the
selection of other boundary-scan test instructions.
IDCODE Provides the version number (bits 31:28), part number (bits 27:12), and the manufacturer
identity (bits 11:1) to be serially read from the device.
The following table provides information about the meaning of IDCODE binary values stored in the
device JTAG registers.
Table 7 •
JTAG Device Identification Register Description
Description
Device Version
Number
Model Number
Manufacturing
Identity
LSB
Bit field
31 through 28
27 through 12
11 through 1
0
Binary value
0000
1000 0110 0101 1000
001 1001 1000
1
Boundary-Scan Register
Device Identification
Register
Bypass Register
Instruction Register,
Instruction Decode,
Control
Test Access Port
Controller
NTRST
TMS
TDI
TCK
Select
Control
TDO Enable
Control
Mux,
DFF
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com