Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
35
5.2.14
1000BASE-T Status Extension 2
The second status extension register is at address 17 in the device main registers space. It provides
information about another set of parameters associated with 1000BASE-T communications. For
information about the first status extension register, see Table 23, page 34.
5.2.15
Bypass Control
The bits in the Bypass Control register in the VSC8658 device control aspects of functionality in effect
when the device is disabled so that traffic can bypass it in your design. The following table shows the
settings available.
Table 24 •
1000BASE-T Status Extension 2, Address 17 (0x11)
Bit
Name
Access
Description
Default
15
1000BASE-T
descrambler
RO
1 = Descrambler locked.
0
14
1000BASE-T lock
error
RO
This is a self-clearing bit.
1 = Lock error detected.
0
13
1000BASE-T
disconnect state
RO
This is a self-clearing bit.
1 = PHY 1000BASE-T link disconnect
detected.
0
12
1000BASE-T current
link status
RO
1 = PHY 1000BASE-T link active.
0
11
1000BASE-T receive
error
RO
This is a self-clearing bit.
1 = Receive error detected.
0
10
1000BASE-T transmit
error
RO
This is a self-clearing bit.
1 = Transmit error detected.
0
9
1000BASE-T SSD
error
RO
This is a self-clearing bit.
1 = Start-of-stream delimiter error detected.
0
8
1000BASE-T ESD
error
RO
This is a self-clearing bit.
1 = End-of-stream delimiter error detected.
0
7
1000BASE-T carrier
extension error
RO
This is a self-clearing bit.
1 = Carrier extension error detected.
0
6:0
Reserved
RO
Table 25 •
Bypass Control, Address 18 (0x12)
Bit
Name
Access
Description
Default
15
Transmit disable
R/W
1 = PHY transmitter disabled.
0
14:9
Reserved
RO
8
1000BASE-T
transmitter test clock
R/W
1 = Enabled.
0
7
Auto MDI-X at forced
10/100
R/W
This is a sticky bit.
1 = Disable Auto MDI-X at forced 10/100
speeds.
1
6Reserved
RO
5
Disable pair swap
correction
R/W
This is a sticky bit.
1 = Disable the automatic pair swap correction.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com