Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation VSC8658 Datasheet HTML 73Page - Microsemi Corporation VSC8658 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
62
6.1.3
VDDIO at 1.8 V
In addition to any parameter-specific conditions, the specifications listed in the following table may be
considered valid only when:
•VDDIO is 1.8 V
•VDD33 is 3.3 V
•VDD12 is 1.2 V
•VDD12A is 1.2 V
6.1.4
VDD at 3.3 V
In addition to any parameter-specific conditions, the specifications listed in the following table may be
considered valid only when:
•VDDIO is 3.3 V
•VDD33 is 3.3 V
•VDD12 is 1.2 V
•VDD12A is 1.2 V
Input high voltage
VIH
1.7
3.0
V
Input low voltage
VIL
–0.3
0.7
V
Input leakage current
IILEAK
–32
32
µA
Internal resistor included
Output leakage current IOLEAK
–32
32
µA
Internal resistor included
Output low current
drive strength
IOL
6mA
Output high current
drive strength
IOH
–6
mA
Table 64 •
DC Characteristics for Pins Referenced to VDDIO at 1.8 V
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage
VOH
1.4
2.1
V
IOH = –0.5 mA
Output low voltage
VOL
0.3
V
IOL = 0.5 mA
Input high voltage
VIH
1.2
2.1
V
Input low voltage
VIL
0.6
V
Input leakage current IILEAK
–23
23
µA
Internal resistor included
Output leakage
current
IOLEAK
–23
23
µA
Internal resistor included
Output low current
drive strength
IOL
4.0
mA
Output high current
drive strength
IOH
–4.0
mA
Table 65 •
DC Characteristics for Pins Referenced to VDD33 at 3.30 V
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage
VOH
2.4
3.6
V
IOH = –4 mA
Output low voltage
VOL
00.5
V
IOL = 4 mA
Table 63 •
DC Characteristics for Pins Referenced to VDDIO at 2.5 V (continued)
Parameter
Symbol Minimum
Maximum
Unit Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com