Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation VSC8658 Datasheet HTML 73Page - Microsemi Corporation VSC8658 Datasheet HTML 74Page - Microsemi Corporation VSC8658 Datasheet HTML 75Page - Microsemi Corporation VSC8658 Datasheet HTML 76Page - Microsemi Corporation VSC8658 Datasheet HTML 77Page - Microsemi Corporation VSC8658 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
66
6.3
AC Characteristics
The AC specifications are grouped according to specific device pins and associated timing
characteristics.
6.3.1
Reference Clock Input
The following table shows the specifications for the reference clock input frequency including various
frequencies, duty cycle, and accuracy.
If using the 25 MHz crystal clock input option, the additional specifications in the following table are
required.
6.3.2
Clock Output
The specifications in the following table show the AC characteristics for the clock output of the VSC8658
device when used in your design.
Table 73 •
AC Characteristics for REFCLK Input
Parameter
Symbol
Minimum
Typical Maximum
Unit
Frequency with 25 MHz input
fCLK25
25
MHz
Frequency with 125 MHz input
fCLK125
125
MHz
Frequency accuracy
fTOL
100
ppm
Duty cycle
%DUTY
40
60
%
Rise time with 25 MHz input (20% to 80%)
tR25
4ns
Rise time with 125 MHz input (20% to 80%) tR125
1ns
Fall time with 25 MHz input (20% to 80%)
tR25
4ns
Fall time with 125 MHz input (20% to 80%)
tF125
1ns
Table 74 •
AC Characteristics for REFCLK Input with 25 MHz Clock Input
Parameter
Minimum
Typical
Maximum
Unit
Crystal parallel load capacitance
18
20
pF
Crystal equivalent series resistance
10
30
Ω
Crystal accuracy
50
ppm
Table 75 •
AC Characteristics for the CLKOUT Pin
Parameter
Symbol
Minimum
Typical
Maximum
Unit Condition
CLKOUT frequency
fCLK125
125.00
156.25
MHz 125 MHz output clock
156.25 MHz output clock
CLKOUT cycle time
tCYC
8.0
6.4
ns
125 MHz output clock
156.25 MHz output clock
Frequency stability
fSTABILITY
100
ppm
Duty cycle
%DUTY
40
50
60
%
Clock rise and fall times
(20% to 80%)
tR and tF
1ns
Total jitter
JCLK
217
491
ps
Measured peak-to-peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com