Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 42 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 42 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
34
5.2.12
1000BASE-T Status Extension 1
Register 15 provides additional information about the operation of the device 1000BASE-T
communications. The following table shows the readouts available.
5.2.13
100BASE-TX Status Extension
Register 16 in the main registers page space of the VSC8658 device provides additional information
about the status of the device’s 100BASE-TX operation.
Table 22 •
1000BASE-T Status Extension 1, Address 15 (0x0F)
Bit
Name
Access
Description
Default
15
1000BASE-X FDX
capability
RO
1 = PHY is 1000BASE-X FDX capable
0
14
1000BASE-X HDX
capability
RO
1 = PHY is 1000BASE-X HDX capable
0
13
1000BASE-T FDX
capability
RO
1 = PHY is 1000BASE-T FDX capable
1
12
1000BASE-T HDX
capability
RO
1 = PHY is 1000BASE-T HDX capable
1
11:0
Reserved
RO
0x000
Table 23 •
100BASE-TX Status Extension, Address 16 (0x10)
Bit
Name
Access
Description
Default
15
100BASE-TX
Descrambler
RO
1 = Descrambler locked.
0
14
100BASE-TX lock
error
RO
This is a self-clearing bit.
1 = Lock error detected.
0
13
100BASE-TX
disconnect state
RO
This is a self-clearing bit.
1 = PHY 100BASE-TX link disconnect
detected.
0
12
100BASE-TX current
link status
RO
1 = PHY 100BASE-TX link active.
0
11
100BASE-TX receive
error
RO
This is a self-clearing bit.
1 = Receive error detected.
0
10
100BASE-TX
transmit error
RO
This is a self-clearing bit.
1 = Transmit error detected.
0
9
100BASE-TX SSD
error
RO
This is a self-clearing bit.
1 = Start-of-stream delimiter error detected.
0
8
100BASE-TX ESD
error
RO
This is a self-clearing bit.
1 = End-of-stream delimiter error detected.
0
7:0
Reserved
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com