Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
47
5.3.3
SerDes MAC/Media Control
Register 17E, which is accessible only when extended register access is enabled, controls the
transmitter and receiver of the VSC8658 device SerDes MAC/Media. The following table shows the
settings available.
5.3.4
CRC Good Counter
Register 18E makes it possible to read the contents of the CRC good counter; the number of CRC
routines that have executed successfully. The following table shows the readouts you can expect.
5.3.5
SIGDET Polarity Control
Register 19E controls the SIGDET pin polarity. The following table shows the settings available.
Table 39 •
SerDes MAC Control, Address 17E (0x11)
Bit
Name
Access
Description
Default
15:8
Reserved
RO
7:5
SerDes media output
swing control
R/W
This is a sticky bit.
000 = 400 mV (peak-to-peak).
001 = 600 mV (peak-to-peak).
010 = 800 mV (peak-to-peak).
011 = 1000 mV (peak-to-peak).
100 = 1200 mV (peak-to-peak).
101 = 1400 mV (peak-to-peak).
110 and 111 = Reserved.
100
4:2
SerDes MAC output
swing control
R/W
This is a sticky bit.
000 = 400 mV (peak-to-peak).
001 = 600 mV (peak-to-peak).
010 = 800 mV (peak-to-peak).
011 = 1000 mV (peak-to-peak).
100 = 1200 mV (peak-to-peak).
101 = 1400 mV (peak-to-peak).
110 and 111 = Reserved.
100
1:0
Reserved
RO
Table 40 •
CRC Good Counter, Address 18E (0x12)
Bit
Name
Access
Description
Default
15
Packet since last read RO
This is a self-clearing bit.
1 = Packet received since last read.
0
14
Reserved
RO
13:0
CRC good counter
contents
RO
This is a self-clearing bit.
Counter containing the number of packets
with valid CRCs; this counter does not
saturate and will roll over.
0x000
Table 41 •
SIGDET Polarity Control, Address 19E (0x13)
Bit
Name
Access
Description
Default
15:1
Reserved
RO
0
SIGDET pin polarity
R/W
1 = Active low.
0 = Active high.
CMODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com