Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation VSC8658 Datasheet HTML 68Page - Microsemi Corporation VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
59
5.6.2
Read/Write Access to the EEPROM
The VSC8658 device also has the ability to read from and write to an EEPROM such as an ATMEL
AT24CXXX that is directly connected to its EECLK and EEDAT pins. If it is required to be able to write to
K+1
Common_Config_Base_Address[7:0] (X)
K+2
00000, PHY0_Specific_Config_Base_Address[10:8]
K+3
PHY0_Specific_Config_Base_Address[7:0] (Y)
K+4
00000, PHY1_Specific_Config_Base_Address[10:8]
K+5
PHY1_Specific_Config_Base_Address[7:0]
K+6
00000, PHY2_Specific_Config_Base_Address[10:8]
K+7
PHY2_Specific_Config_Base_Address[7:0]
Address length not specified
K+16
00000, PHY7_Specific_Config_Base_Address[10:8]
K+17
PHY7_Specific_Config_Base_Address[7:0]
Address length not specified
X
00000, Total_Number_Bytes[10:8]
X+1
Total_Number_Bytes [7:0] (M)
X+2
Register address a
X+3
Data[15:8] to be written to register address a
X+4
Data[7:0] to be written to register address a
X+5
Register address b
X+6
Data[15:8] to be written to register Address b
X+7
Data[7:0] to be written to register address b
Address length not specified
X+(M-2)
Register address x
X+(M-1)
Data[15:8] to be written to register address x
X+M
Data[7:0] to be written to register address x
Address length not specified
Y
00000, Total_Number_Bytes[10:8]
Y+1
Total_Number_Bytes [7:0] (N)
Y+2
Register address a
Y+3
Data[15:8] to be written to register address a
Y+4
Data[7:0] to be written to register address a
Address length not specified
Y+(N-2)
Register address x
Y+(N-1)
Data[15:8] to be written to register address x
Y+N
Data[7:0] to be written to register address x
Address length not specified
Max Address
Table 61 •
EEPROM Configuration Contents (continued)
10-bit Address
Content (Bits 7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com