Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation VSC8658 Datasheet HTML 17Page - Microsemi Corporation VSC8658 Datasheet HTML 18Page - Microsemi Corporation VSC8658 Datasheet HTML 19Page - Microsemi Corporation VSC8658 Datasheet HTML 20Page - Microsemi Corporation VSC8658 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
9
Figure 4 •
SGMII MAC Interface
4.1.3
All Modes Cat5 Media Interface
The VSC8658 device twisted pair interface is compliant with the IEEE standard 802.3-2000. Unlike many
other gigabit PHYs, the VSC8658 device uses fully integrated, passive components (required to connect
the PHY’s Cat5 interface to an external 1:1 transformer). The following illustration shows the
connections.
Figure 5 •
Cat5 Media Interface
SGMII MAC
VSC8658
PHY Port_n
MAC_TDP
MAC_TDN
MAC_RDN
MAC_RDP
RDN
RDP
TDN
TDP
100
Ω
or
150
Ω
0.1 µF
0.1 µF
100
Ω
or
150
Ω
100
Ω
or
150
Ω
TCN
TCP
TXVP_A_n
1
RJ-45
VSC8658
PHY Port_n
TXVN_A_n
TXVP_B_n
TXVN_B_n
TXVP_C_n
TXVN_C_n
TXVP_D_n
TXVN_D_n
Transformer
0.1 µF
0.1 µF
0.1 µF
0.1 µF
2
3
6
4
5
7
8
A+
A–
B+
B–
C+
C–
D+
D–
1000 pF, 2 kV
75
Ω
75
Ω
75
Ω
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com