Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 59 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
51
5.3.12
VeriPHY Control 3
The register at address 26E consists of the third of the three device registers that provide control over
VeriPHY diagnostics features. Specifically, this register provides information about the termination status
(fault condition) for all four link partner pairs. The following table shows the readouts you can expect.
The following table shows the meanings for the various fault codes.
5.3.13
Reserved Extended Address Space
The bits in the extended register page space at address 27E (0x1B) and 28E (0x1C) are reserved.
5.3.14
Ethernet Packet Generator Control 1
The EPG control register provides access to and control of various aspects of the EPG testing feature.
There are two, separate EPG control registers. The following table shows the setting available in the first
register.
Table 48 •
VeriPHY Control Register 3, Address 26E (0x1A)
Bit
Name
Access
Description
Default
15:12
Pair A (1 and 2)
termination status
RO
Termination fault for pair A (1 and 2)
0x00
11:8
Pair B (3 and 6)
termination status
RO
Termination fault for pair B (3 and 4)
0x00
7:4
Pair C (4 and 5)
termination status
RO
Termination fault for pair C (4 and 5)
0x00
3:0
Pair D (7 and 8)
termination status
RO
Termination fault for pair D (7 and 8)
0x00
Table 49 •
VeriPHY Control Register 3 Fault Codes
Code
Denotes
0000
Correctly terminated pair
0001
Open pair
0010
Shorted pair
0100
Abnormal termination
1000
Cross-pair short to pair A
1001
Cross-pair short to pair B
1010
Cross-pair short to pair C
1011
Cross-pair short to pair D
1100
Abnormal cross-pair coupling with pair A
1101
Abnormal cross-pair coupling with pair B
1110
Abnormal cross-pair coupling with pair C
1111
Abnormal cross-pair coupling with pair D
Table 50 •
EPG Control Register 1, Address 29E (0x1D)
Bit
Name
Access
Description
Default
15
EPG enable
R/W
1 = Enable EPG
0
14
EPG run or stop
R/W
1 = Run EPG
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com