Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation VSC8658 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
55
Example 2 To configure an individual PHY to 100BASE-FX mode, first ensure that bit 15 = 0, then set
bits 10:8 to the correct PHY number to be configured for 100BASE-FX, then set bits 7:0 = 0x01, and
finally reset bit 15 = 1. Repeat these steps for each individual PHY.
5.5
CMODE
The information in this section provides a detailed description of the methods you can use to configure
the VSC8658 device using its CMODE pins. It includes descriptions of the registers that work together
with the CMODE pins to control the device function.
There are eight configuration mode (CMODE) pins on the VSC8658 device. For more information about
the physical location of the CMODE pins, see Pin Descriptions, page 72. Each of the CMODE pins maps
to four configuration bits, which means that each pin controls 16 possible settings for the device.
5.5.1
CMODE Pins and Related Functions
The following table lists the pin numbers and device functionality that are controlled by each
configuration bit.
5.5.2
Functions and Related CMODE Pins
The following table lists the pin and bit settings according to the device function and CMODE pin used to
configure them.
Table 58 •
CMODE Configuration Pins and Device Functions
CMODE Pin
Bit 3 (MSB) Control
Bit 2 Controls
Bit 1 Controls
Bit 0 (LSB) Controls
7
Reserved
Always set to logic 0
Link speed downshift
Speed and duplex [1]
Speed and duplex [0]
6
MAC auto-negotiation
ActiPHY
Advertise asymmetric
pause
Advertise symmetric
pause
5
Media interface [2]
SIGDET polarity
Clock speed 125 MHz
or 156 MHz selection
CLKOUT enable
4
Media interface [1]
LED fiber/copper
combine
LED blink or pulse
stretch [1]
LED blink or pulse
stretch [0]
3
Media interface [0]
LED3 combine or
separate
LED3 [1]
LED3 [0]
2
PHY address reversal
LED2 combine or
separate
LED2 [1]
LED2 [0]
1
PHY address [4]
LED1 combine or
separate
LED1 [1]
LED1 [0]
0
PHY address [3]
LED0 combine or
separate
LED0 [1]
LED0 [0]
Table 59 •
Device Functions and Associated CMODE Pins
Function
Sets MII
Register
CMODE
Pin
Bit
Description
Link speed
downshift
Register 20E,
bit 4
7
2
0 = Link only according to the auto-negotiation resolution.
1 = Enable link speed downshift feature.
Speed and duplex
Register 4,
bits 8:5 and
register 9,
bits 9:8
7
1 and 0 00 = 10/100/1000BASE-T FDX/HDX. 1000BASE-X
FDX/HDX.
01 = 10/100/1000BASE-T FDX; 10/100BASE-T HDX.
1000BASE-X FDX.
10 = 1000BASE-T FDX only.
11 = 10/100BASE-T FDX/HDX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com