Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
28
5.2.1
Mode Control
The device register at memory address 0 controls several aspects of VSC8658 functionality. The
following table shows the available bit settings in this register and what they control.
25
Interrupt mask
26
Interrupt status
27
MAC interface auto-negotiation control and status
28
Auxiliary control and status
29
LED mode select
30
LED behavior
31
Extended register page access
Table 11 •
Mode Control, Address 0 (0x00)
Bit
Name
Access
Description
Default
15
Software reset
R/W
This is a self-clearing bit that restores all
serial management interface (SMI) registers
to their default state, except for sticky and
super sticky bits.
1 = Reset asserted.
0 = Reset de-asserted.
You must wait 4 µs after setting this bit to
initiate another SMI register access.
0
14
Loopback
R/W
1 = Loopback enabled.
0 = Loopback disabled.
When loop back is enabled, the device
functions at the current speed setting and
with the current duplex mode setting (bit 8 of
this register).
0
13
LSB for speed
selection
R/W
See bit 6 below.
0
12
Auto-negotiation
enable
R/W
1 = Auto-negotiation enabled.
0 = Auto-negotiation disabled.
1
11
Power-down
R/W
1 = Power-down enabled.
0
10
Isolate
R/W
1 = Disable MAC interface outputs and ignore
MAC interface inputs.
0
9
Restart auto-
negotiation
R/W
This is a self-clearing bit.
1 = Restart auto-negotiation on media
interface.
0
8
Duplex
R/W
1 = Full-duplex.
0 = Half-duplex.
0
7
Collision test enable
R/W
1 = Collision test enabled.
0
6, 13
Forced speed
selection
R/W
MSB = bit 6, LSB = bit 13.
00 = 10 Mbps.
01 = 100 Mbps.
10 = 1000 Mbps.
11 = Reserved.
10
Table 10 •
Main Registers (continued)
Register Address
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com