Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 29Page - Microsemi Corporation VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
25
CLAMP Allows the state of the signals driven from the component pins to be determined from the
boundary scan register while the bypass register is selected as the serial path between TDI and TDO.
While the CLAMP instruction is selected, the signals driven from the component pins do not change.
HIGHZ Places the component in a state in which all of its system logic outputs are placed in a high-
impedance state. In this state, an in-circuit test system may drive signals onto the connections normally
driven by a component output without incurring a risk of damage to the component. This makes it
possible to use a board where not all of the components are compatible with the IEEE 1149.1 standard.
BYPASS The bypass register contains a single shift-register stage and is used to provide a minimum-
length serial path (one TCK clock period) between TDI and TDO to bypass the device when no test
operation is required.
The following table provides more information about the location and IEEE compliance of the JTAG
instruction codes used in the VSC8658. For more information about these IEEE specifications, visit the
IEEE Web site at www.IEEE.org.
4.16.9
Boundary Scan Register Cell Order
All inputs and outputs are observed in the boundary scan register cells. All outputs are additionally driven
by the contents of boundary scan register cells. Bidirectional pins have all three related boundary scan
register cells: input, output, and control.
The complete boundary scan cell order is available as a BSDL file format on the Microsemi Web site at
www.microsemi.com.
4.17
IEEE 1149.6 AC-JTAG Boundary Scan Interface
The IEEE 1149.6 AC-JTAG solution integrated on all SerDes ports of the VSC8658 device extends the
capability of IEEE 1149.1 boundary scan for robust board-level testing. This interface is backward-
compatible to the IEEE 1149.1 standard.
Table 8 •
JTAG Interface Instruction Codes
Instruction
Code
Selected Register
Register
Width
IEEE 1149.1
Specification
IEEE 1149.6
Specification
EXTEST
0000
Boundary-Scan
244
Mandatory
SAMPLE/PRELOA
D
0001
Boundary-Scan
244
Mandatory
IDCODE
0110
Device Identification
32
Optional
CLAMP
0010
Bypass Register
1
Optional
HIGHZ
0011
Bypass Register
1
Optional
BYPASS
1111
Bypass Register
1
Mandatory
EXTEST_PULSE
0100
Boundary-Scan Register
244
Mandatory
EXTEST_TRAIN
0101
Boundary-Scan Register
244
Mandatory
RESERVED
0111,
1000 through
1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com