Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation VSC8658 Datasheet HTML 43Page - Microsemi Corporation VSC8658 Datasheet HTML 44Page - Microsemi Corporation VSC8658 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
33
Note Transmitter Test mode (bits 15:13) operates in the manner described in IEEE standard 802.3,
section 40.6.1.1.2. When using any of the Transmitter Test modes, the Auto-Media Sense functionality
must be disabled. For more information, see Extended PHY Control Set 1, page 37.
5.2.10
1000BASE-T Status
The bits in register 10 of the main register space allow you to read the status of the 1000BASE-T
communications enabled in the device. The following table shows the readouts.
5.2.11
Main Registers Reserved Addresses
In the VSC8658 device main registers page space, registers 11 through 15 (0x0B through 0x0E) are
reserved.
12
Master/slave
manual
configuration
R/W
1 = Master/slave manual configuration enabled.
0
11
Master/slave
value
R/W
This register is only valid when bit 9.12 is set to 1.
1 = Configure PHY as master during negotiation.
0 = Configure PHY as slave during negotiation.
0
10
Port type
R/W
1 = Multi-port device.
0 = Single-port device.
1
9
1000BASE-T
FDX capability
R/W
1 = PHY is 1000BASE-T FDX capable.
CMODE
8
1000BASE-T
HDX capability
R/W
1 = PHY is 1000BASE-T HDX capable.
CMODE
7:0
Reserved
R/W
0x00
Table 21 •
1000BASE-T Status, Address 10 (0x0A)
Bit
Name
Access
Description
Default
15
Master/slave
configuration fault
RO
This bit latches high.
1 = Master/slave configuration fault detected.
0 = No master/slave configuration fault
detected.
0
14
Master/slave
configuration
resolution
RO
1 = Local PHY configuration resolved to
master.
0 = Local PHY configuration resolved to slave.
1
13
Local receiver status RO
1 = Local receiver is operating normally.
0
12
Remote receiver
status
RO
1 = Remote receiver OK.
0
11
LP 1000BASE-T FDX
capability
RO
1 = LP 1000BASE-T FDX capable.
0
10
LP 1000BASE-T HDX
capability
RO
1 = LP 1000BASE-T HDX capable.
0
9:8
Reserved
RO
00
7:0
Idle error count
RO
This is a self-clearing bit.
0x00
Table 20 •
1000BASE-T Control, Address 9 (0x09) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com