Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 53 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 53 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation VSC8658 Datasheet HTML 54Page - Microsemi Corporation VSC8658 Datasheet HTML 55Page - Microsemi Corporation VSC8658 Datasheet HTML 56Page - Microsemi Corporation VSC8658 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
45
Note: Bits 29.11:10 are controlled only by port 0 and affect the behavior of all ports.
5.3
Extended Page Registers
To provide functionality beyond the IEEE802.3-specified 32 registers and main device registers, the
VSC8658 device includes an extended set of registers that provide an additional 15 register spaces.
To access the extended page registers (16E through 30E), enable extended register access by writing
0x0001 to register 31. For more information, see Table 37, page 46.
When extended page register access is enabled, reads and writes to registers 16 through 30 affect the
extended registers 16E through 30E instead of those same registers in the IEEE-specified register
space. Registers 0 through 15 are not affected by the state of the extended page register access.
Writing 0x0000 to register 31 restores the main register access.
The following table lists the addresses and register names in the extended register page space. These
registers are accessible only when the device register 31 is set to 0x0001.
3
LED3 combine
feature disable
R/W
This is a sticky bit.
0 = Combine enabled (link/activity,
duplex/collision).
1 = Disable combination (link only,
duplex only).
CMODE
2
LED2 combine
feature disable
R/W
This is a sticky bit.
0 = Combine enabled (link/activity,
duplex/collision).
1 = Disable combination (link only,
duplex only).
CMODE
1
LED1 combine
feature disable
R/W
This is a sticky bit.
0 = Combine enabled (link/activity,
duplex/collision).
1 = Disable combination (link only,
duplex only).
CMODE
0
LED0 combine
feature disable
R/W
This is a sticky bit.
0 = Combine enabled (link/activity,
duplex/collision).
1 = Disable combination (link only,
duplex only).
CMODE
Table 36 •
Extended Registers Page Space
Register Address
Register Name
16E
SerDes Media control
17E
SerDes MAC/Media control
18E
CRC good counter
19E
SIGDET polarity control
20E
Extended PHY control 3 (ActiPHY)
21E
EEPROM interface status and control
22E
EEPROM data read or write
23E
Extended PHY control 4 (PoE and CRC error counter)
24E
VeriPHY 1
Table 35 •
LED Behavior, Address 30 (0x1E) (continued)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com