Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 69Page - Microsemi Corporation VSC8658 Datasheet HTML 70Page - Microsemi Corporation VSC8658 Datasheet HTML 71Page - Microsemi Corporation VSC8658 Datasheet HTML 72Page - Microsemi Corporation VSC8658 Datasheet HTML 73Page - Microsemi Corporation VSC8658 Datasheet HTML 74Page - Microsemi Corporation VSC8658 Datasheet HTML 75Page - Microsemi Corporation VSC8658 Datasheet HTML 76Page - Microsemi Corporation VSC8658 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
65
6.2
Current Consumption
There are three sets of current consumption values:
•
Typical current consumption
•
Current consumption in SerDes/SGMII to 1000BASE-X mode
•
Current consumption in SerDes/SGMII to 100BASE-FX mode or SerDes pass-through mode
The typical current consumption values are based on nominal voltages with all ports operating at
1000BASE-T speeds with full-duplex enabled and a 64-bit random data pattern at 100% utilization.
If all eight ports are running in SerDes/SGMII to 1000BASE-X mode, the current consumption values are
shown in the following table.
If all eight ports are running in SerDes/SGMII to 100BASE-FX mode or SerDes pass-through mode, the
current consumption values are as shown in the following table.
Table 70 •
Typical Current Consumption
Parameter
Symbol Typical
Maximum
Unit
Worst-case power consumption
PD
5.91
W
Current with VDDIO at 1.8 V
IVDDIO
1mA
Current with VDDIO at 2.5 V
IVDDIO
1mA
Current with VDDIO at 3.3 V
IVDDIO
1mA
Current with VDD33 at 3.3 V
IVDD33
852
mA
Current with VDD12 at 1.2 V
IVDD12
1488
mA
Current with VDD12A at 1.2 V
IVDD12A 490
mA
Table 71 •
Current Consumption in SerDes/SGMII to 1000BASE-X Mode
Parameter
Symbol Typical
Maximum
Unit
Worst-case power consumption
PD
1.05
W
Current with VDDIO at 1.8 V
IVDDIO
1mA
Current with VDDIO at 2.5 V
IVDDIO
1mA
Current with VDDIO at 3.3 V
IVDDIO
1mA
Current with VDD33 at 3.3 V
IVDD33
68.6
mA
Current with VDD12 at 1.2 V
IVDD12
134.2
mA
Current with VDD12A at 1.2V
IVDD12A 448.6
mA
Table 72 •
Consumption in SerDes/SGMII to 100BASE-FX or SerDes Pass-Through Mode
Parameter
Symbol Typical
Maximum
Unit
Worst-case power consumption
PD
1.09
W
Current with VDDIO at 1.8 V
IVDDIO
1mA
Current with VDDIO at 2.5 V
IVDDIO
1mA
Current with VDDIO at 3.3 V
IVDDIO
1mA
Current with VDD33
IVDD33
64
mA
Current with VDD12
IVDD12
146
mA
Current with VDD12A
IVDD12A 444
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com