Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation VSC8658 Datasheet HTML 93Page - Microsemi Corporation VSC8658 Datasheet HTML 94Page - Microsemi Corporation VSC8658 Datasheet HTML 95Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 95 page
background image
Package Information
VMDS-10242 VSC8658 Datasheet Revision 4.1
83
Figure 25 •
Package Drawing
8.2
Thermal Specifications
Thermal specifications for this device are based on the JEDEC standard EIA/JESD51-2 and have been
modeled using a four-layer test board with two signal layers, a power plane, and a ground plane (2s2p
PCB). For more information, see the JEDEC standard.
Table 91 •
Thermal Resistances
θJA (°C/W) vs. Airflow (ft/min)
Part Order Number
θJC
θJB
0100
200
VSC8658HJ
4.1
7.3
13.4
13.2
13
VSC8658XHJ
4.1
7.3
13.4
13.2
13
0.50~ 0.70 ( 44 )
27.00 +/-0.20
25.00
0.30 S
C A S B S
13579
11 13 15 17 19 21 23 25
2
4
6
8
10 12 14 16 18 20 22 24 26
A
C
E
G
J
L
N
R
U
W
AA
AC
AE
B
D
F
H
K
M
P
T
V
Y
AB
AD
AF
A
C
E
G
J
L
N
R
U
W
AA
AC
AE
B
D
F
H
K
M
P
T
V
Y
AB
AD
AF
1.00
B
E
C
D
A
24.00 Ref.
4.00 * 45 (4 )
0.06
Heat slug
19.0~20.0
Pin #1 corner
0.20 (4 )
0.50 S
C D S E S
0.10 M
C
0.25 M
C
A
B
Seating plane
Top View
Side View
Bottom View
Note:
All dimensions are in millimeters (mm).
30 Typ.
25 23 21 19 17 15 13 11
9
7
5
3
1
26 24 22 20 18 16 14 12 10
8
6
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com