Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation VSC8658 Datasheet HTML 27Page - Microsemi Corporation VSC8658 Datasheet HTML 28Page - Microsemi Corporation VSC8658 Datasheet HTML 29Page - Microsemi Corporation VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation VSC8658 Datasheet HTML 32Page - Microsemi Corporation VSC8658 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
21
4.15
GPIO Pins
The VSC8658 provides up to 8 dedicated general-purpose input/output (GPIO) pins. In addition, the
eight device SIGDET pins can also be configured as eight GPIO pins, resulting in a total of 16 GPIO pins.
All device GPIO pins and their behavior are controlled using registers. For more information, see
General-Purpose I/O Registers, page 52.
4.16
Testing Features
The VSC8658 device includes several testing features designed to make it easier to perform system-
level debugging and in-system production testing. This section describes the available features.
4.16.1
Ethernet Packet Generator (EPG)
The device EPG can be used at each of the 10/100/1000BASE-T speed settings for Copper Cat5 media
to isolate problems between the MAC and the VSC8658 device, or between a locally connected PHY
and its remote link partner. Enabling the EPG feature effectively disables all MAC interface transmit pins
and selects the EPG as the source for all data transmitted onto the twisted pair interface.
Important The EPG is intended for use with laboratory or in-system testing equipment only. Do not use
the EPG testing feature when the VSC8658 device is connected to a live network.
To enable the VSC8658 device EPG feature, set the device register bit 29E.15 to 1.
When the EPG is enabled, packet loss occurs during transmission of packets from the MAC to the PHY.
However, the PHY receive output pins to the MAC are still active when the EPG is enabled. If it is
necessary to disable the MAC receive pins as well, set the register bit 0.10 to 1.
When the device register bit 29E.14 is set to 1, the PHY begins transmitting Ethernet packets based on
the settings in registers 29E and 30E. These registers set:
•
Source and destination addresses for each packet
•
Packet size
•
Inter-packet gap
•
FCS state
•
Transmit duration
•
Payload pattern
If register bit 29E.13 is set to 0, register bit 29E.14 is cleared automatically after 30,000,000 packets are
transmitted.
4.16.2
CRC Counters
Two separate cyclical redundancy checking (CRC) counters are available on all PHYs in the VSC8658
device. There is a 14-bit good CRC counter available in register bits 18E.13:0 and a separate 8-bit
counter available in register bits 23E.7:0.
The device CRC counters operate in the 100BASE-FX/1000BASE-X over SerDes mode as well as in the
10/100/1000BASE-T mode testing as follows:
Bit 9.
Reserved
Bit 21.
Reserved
Bit 33.
Reserved
Bit 45.
Reserved
Bit 57.
Reserved
Bit 69.
Reserved
Bit 81.
Reserved
Bit 93.
Reserved
Bit 10. TX
Activity
Bit 22. TX
Activity
Bit 34. TX
Activity
Bit 46. TX
Activity
Bit 58. TX
Activity
Bit 70. TX
Activity
Bit 82. TX
Activity
Bit 94. TX
Activity
Bit 11. RX
Activity
Bit 23. RX
Activity
Bit 35. RX
Activity
Bit 47. RX
Activity
Bit 59. RX
Activity
Bit 71. RX
Activity
Bit 83. RX
Activity
Bit 95. RX
Activity
Bit 12. Auto-
Negotiation
Fault
Bit 24. Auto-
Negotiation
Fault
Bit 36. Auto-
Negotiation
Fault
Bit 48. Auto-
Negotiation
Fault
Bit 60. Auto-
Negotiation
Fault
Bit 72. Auto-
Negotiation
Fault
Bit 84. Auto-
Negotiation
Fault
Bit 96. Auto-
Negotiation
Fault
Table 6 •
LED Serial Stream Order (continued)
PHY0
PHY1
PHY2
PHY3
PHY4
PHY5
PHY6
PHY7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com