Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 86 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 82Page - Microsemi Corporation VSC8658 Datasheet HTML 83Page - Microsemi Corporation VSC8658 Datasheet HTML 84Page - Microsemi Corporation VSC8658 Datasheet HTML 85Page - Microsemi Corporation VSC8658 Datasheet HTML 86Page - Microsemi Corporation VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
Pin Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
78
7.2.6
JTAG
The following table lists the pins associated with the device JTAG testing facility.
7.2.7
Power Supply
The following table lists the device power supply pins.
P2
EEDAT
IPD/O
(Optional) EEPROM serial I/O data. Used to configure
PHYs in a system without a Station Manager. Connect to
the SDA pin of the ATMEL “AT24CXXX” serial EEPROM
device family.
The VSC8658 device determines that an external
EEPROM is present by monitoring the EEDAT pin at
power-up or when NRESET is de-asserted. If EEDAT has
a 4.7 k
Ω external pull-up resistor, the VSC8658 assumes
an EEPROM is present. The EEDAT pin can be left
floating or grounded to indicate no EEPROM.
P1
EECLK
O
(Optional) EEPROM serial output clock. Used to configure
PHYs in a system without a station manager. Connect to
the SCL pin of the ATMEL “AT24CXXX” serial EEPROM
device family.
AA3
NRESET
IPU
Device reset. Active low input that powers down the
device and sets the register bits to their default state.
V1
CLKOUT
O
Clock output can be enabled or disabled and also output
a reference clock frequency of 125 MHz or 156.25 MHz
using CMODE or register setting. This pin is not active
when NRESET is asserted. When disabled, the pin is held
low.
Table 87 •
JTAG Pins
Pin
Name
Type
Description
U1
TDI
IPU5V
JTAG test serial data input.
T4
TDO
O
JTAG test serial data output.
T1
TMS
IPU5V
JTAG test mode select.
T2
TCK
IPU5V
JTAG test clock input.
T3
NTRST
IPU5V
JTAG reset. If JTAG is not used, then tie this pin to VSS
(ground) with a pull-down resistor.
Table 88 •
Power Supply Pins
Pin
Name
Type
Description
C3 C4 C10 C11 C12 C16 C17 C21 C23
C25 D3 D4 D10 D11 D12 D16 D17 D21
D22 F24 G23 H23 H24 J23 M23 M24
N1 N2 N3 N4 R25 R26 U4 AA23 AB23
AD3 AD5 AD7 AD11 AD12 AD14 AD17
AD20 AD21
VDD33
3.3 V
General 3.3 V power supply
Table 86 •
SMI Pins (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com