Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 9Page - Microsemi Corporation VSC8658 Datasheet HTML 10Page - Microsemi Corporation VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation VSC8658 Datasheet HTML 16Page - Microsemi Corporation VSC8658 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
Product Overview
VMDS-10242 VSC8658 Datasheet Revision 4.1
5
3.2
Block Diagram
The following illustration shows the primary functional blocks of the VSC8658 device.
Dual, high-performance, 1.25 Gbps SerDes
Maximizes receive jitter tolerance and minimizes transmit
jitter (in comparison to single SerDes architectures)
Compliance with IEEE standard 802.3 (10BASE-T,
100BASE-TX, 1000BASE-T, 1000BASE-X, 100BASE-FX)
Ensures seamless deployment in devices throughout
existing copper networks while maintaining excellent
tolerance to ambient electronic noise and any
substandard cabling
Support for frame sizes greater than 16 kilobytes at all
device throughput settings and programmable
synchronization FIFO buffers
Provides for maximum Jumbo frame sizes on custom
SANs and LANs
Four integrated and programmable LED direct drivers per
port, on-chip filtering and support for bi-color LEDs
Eliminates the need for external components, lowers EMI
generation, and lowers design cost
Multiple built-in testing facilities, including near-end, far-
end, and connector loopback; Ethernet packet generator
with CRC error counter
Lowers system or device development, lowers
deployment costs, and decreases time-to-market
Serial LED interface option
Enables design flexibility
Support for the CISCO specification for serial gigabit
media-independent interface version 1.7 (SGMII (v1.7),
for 1000BASE-X MACs, for IEEE standard 1149.1-1999
JTAG boundary scan, and for IEEE standard 1149.6
AC-JTAG scan.
Saves manufacturing and quality assurance costs
VeriPHY™ cable diagnostics
Enables system managers to simplify deployment and
improve Gigabit Ethernet network performance
Table 1 •
Features and Benefits (continued)
Feature
Benefit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com