Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 45Page - Microsemi Corporation VSC8658 Datasheet HTML 46Page - Microsemi Corporation VSC8658 Datasheet HTML 47Page - Microsemi Corporation VSC8658 Datasheet HTML 48Page - Microsemi Corporation VSC8658 Datasheet HTML 49Page - Microsemi Corporation VSC8658 Datasheet HTML 50Page - Microsemi Corporation VSC8658 Datasheet HTML 51Page - Microsemi Corporation VSC8658 Datasheet HTML 52Page - Microsemi Corporation VSC8658 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
41
The following information applies to the interrupt status bits:
•
All set bits in this register are cleared after being read (self-clearing). If bit 26.15 is set, the cause of
the interrupt can be read by reading bits 26.14:0.
•
For bits 26.14 and 26.12, bit 0.12 must be set for this interrupt to assert.
•
For bit 26.2, bits 4.8:5 must be set for this interrupt to assert.
5.2.22
MAC Interface Auto-Negotiation Control and Status
Device auto-negotiation for the MAC interface is controlled in register 27. The same register is used to
check the status of those parameters. The following table shows the settings available.
Table 31 •
MAC Auto-Negotiation Control and Status, Address 27 (0x1B)
Bit
Name
Access
Description
Default
15
MAC or media
interlock
R/W
This is a sticky bit.
1 = MAC interface disabled when media link
down.
0 = MAC interface not suppressed by media
link status.
0
14
MAC or media
restart
auto-negotiation
interlock
R/W
This is a sticky bit.
1 = MAC interface restarts its auto-negotiation
if the media link changes.
0 = MAC interface does not automatically
change if media link changes.
0
13
MAC interface
auto-negotiation
auto-sense
R/W
This is a sticky bit.
1 = If MAC auto-negotiation is enabled, this
allows the MAC interface to be able to link to
MACs with auto-negotiation enabled and
disabled.
0 = Normal MAC auto-negotiation behavior.
0
12
MAC interface
auto-negotiation
restart
R/W
This is a self-clearing bit.
1 = Restart auto-negotiation.
0
11:10
Reserved
RO
9:8
Remote fault
detected from MAC
RO
Corresponds to the remote fault bits sent by
the MAC during auto-negotiation.
00
7
Asymmetric pause
advertised by the
MAC
RO
Corresponds to the asymmetric pause bit sent
by the MAC during auto-negotiation.
0
6
Symmetric pause
advertised by the
MAC
RO
Corresponds to the symmetric pause bit sent
by the MAC during auto-negotiation.
0
5
Full-duplex
advertised by the
MAC
RO
Corresponds to the full-duplex bit sent by the
MAC during auto-negotiation.
0
4
Half-duplex
advertised by the
MAC
RO
Corresponds to the half-duplex bit sent by the
MAC during auto-negotiation.
0
3MAC
auto-negotiation
capable
RO
1 = MAC is auto-negotiation capable.
0
2
MAC interface link
status
RO
1 = The MAC interface is actively linked.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com