Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 23Page - Microsemi Corporation VSC8658 Datasheet HTML 24Page - Microsemi Corporation VSC8658 Datasheet HTML 25Page - Microsemi Corporation VSC8658 Datasheet HTML 26Page - Microsemi Corporation VSC8658 Datasheet HTML 27Page - Microsemi Corporation VSC8658 Datasheet HTML 28Page - Microsemi Corporation VSC8658 Datasheet HTML 29Page - Microsemi Corporation VSC8658 Datasheet HTML 30Page - Microsemi Corporation VSC8658 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
Functional Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
19
4.14.2
LED Behavior
Several LED behaviors can be programmed into the VSC8658 device. Use the settings in register 30 to
program LED behavior, which includes the following:
LED Combine Enables an LED to display the status for a combination of primary and secondary
modes. This can be enabled or disabled for each LED pin. For example, a copper link running in
1000BASE-T mode and activity present can be displayed with one LED by configuring an LED pin to
Link1000/Activity mode. The LED asserts when linked to a 1000BASE-T partner and also blinks or
performs pulse-stretch when activity is either transmitted by the PHY or received by the Link Partner.
When disabled, the combine feature only provides status of the selected primary function. In this
example, only Link1000 asserts the LED, and the secondary mode, activity, does not display if the
combine feature is disabled.
4
Link100/1000/Activity
1 = No link in 100BASE-TX or 1000BASE-T.
0 = Valid 100BASE-TX or 1000BASE-T link.
Blink or pulse-stretch = Valid 100BASE-TX or 1000BASE-T link with activity
present.
5
Link10/1000/Activity
1 = No link in 10BASE-T or 1000BASE-T.
0 = Valid 10BASE-T or 1000BASET-T link.
Blink or pulse-stretch = Valid 10BASE-T or 1000BASE-T link with activity
present.
6
Link10/100/Activity
1 = No link in 10BASE-T or 100BASE-TX.
0 = Valid 10BASE-T or 100BASE-TX link.
Blink or pulse-stretch = Valid 10BASE-T or 100BASE-TX link with activity
present.
7
Link100BASE-FX/
1000BASE-X/Activity
1 = No link in 100BASE-FX or 1000BASE-X.
0 = Valid 100BASE-FX or 1000BASE-X link.
Blink or pulse-stretch = Valid 100BASE-FX or 1000BASE-X link with activity
present.
8
Duplex/Collision
1 = Link established in half-duplex mode, or no link established.
0 = Link established in full-duplex mode.
Blink or pulse-stretch = Link established in half-duplex mode but collisions are
present.
9
Collision
1 = No collision detected.
Blink or pulse-stretch = Collision detected.
10
Activity
1 = No activity present.
Blink or pulse-stretch = Activity present (becomes TX activity present if register
bit 30.14 is set to 1).
11
100BASE-FX/
1000BASE-X Fiber
Activity
1 = No 100BASE-FX or 1000BASE-X activity present.
Blink or pulse-stretch = 100BASE-FX or 1000BASE-X activity present (becomes
RX activity present if register bit 30.14 is set to 1).
12
Auto-Negotiation Fault 1 = No auto-negotiation fault present.
0 = Auto-negotiation fault occurred.
13
Serial Mode
Serial stream = See Serial LED Mode, page 20. Only relevant on PHY port 0 and
reserved in others.
14
Force LED Off
1 = De-asserts the LED.
15
Force LED On
0 = Asserts the LED.
1.
Link/Activity can be configured to only display copper link and disable fiber link status by setting register bits 30.15 to 1.
Table 5 •
LED Mode and Function Summary (continued)
Mode
Function Name
LED State and Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com