Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 58Page - Microsemi Corporation VSC8658 Datasheet HTML 59Page - Microsemi Corporation VSC8658 Datasheet HTML 60Page - Microsemi Corporation VSC8658 Datasheet HTML 61Page - Microsemi Corporation VSC8658 Datasheet HTML 62Page - Microsemi Corporation VSC8658 Datasheet HTML 63Page - Microsemi Corporation VSC8658 Datasheet HTML 64Page - Microsemi Corporation VSC8658 Datasheet HTML 65Page - Microsemi Corporation VSC8658 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
54
5.4.3
GPIO Input
The input register contains information about the input to the device GPIO pins. Read from this register to
access the data on the device GPIO pins. The following table shows the readout you can expect.
5.4.4
GPIO Output
The output register allows you to access and control the output from the device GPIO pins. The following
table shows the values you can write.
5.4.5
GPIO Pin Configuration
Register 17G in the GPIO register space controls whether a particular GPIO pin functions as an input or
an output. The following table shows the settings available.
5.4.6
100BASE-FX Control
The 100BASE-FX control register can configure each PHY within the device to be in 100BASE-FX mode.
The following table shows the values that can be written.
Example 1 To configure all PHYs to 100BASE-FX mode, first ensure bit 15 = 0, then set bit 11 = 1 and
bits 7:0 = 0x01, and then reset bit 15 = 1.
Table 54 •
GPIO Input, Address 15G (0x0F)
Bit
Name
Access
Description
Default
15:0
GPIO [15:0] input
RO
Data read from the GPIO pins
0x00
Table 55 •
GPIO Output, Address 16G (0x10)
Bit
Name
Access
Description
Default
15:0
GPIO [15:0] output
R/W
Data written to the GPIO pins
0x00
Table 56 •
GPIO Input/Output Configuration, Address 17G (0x11)
Bit
Name
Access
Description
Default
15:0
GPIO [15:0] input or
output enable
R/W
1 = Pin is configured as an output.
0 = Pin is configured as an input.
0x00
Table 57 •
100BASE-FX Control, Address 18G (0x12)
Bit
Name
Access Description
Default
15
Activate 100BASE-FX
R/W
0 = No action
1 = Activate 100BASE-FX based on bits
11:0
0
14:12
Reserved
RO
000
11
100BASE-FX on all
PHYs
R/W
0 = No 100BASE-FX on all PHYs
1 = Configure 100BASE-FX on all PHYs
0
10:8
Individual 100BASE-FX
setting
R/W
PHY number to be configured for
100BASE-FX mode
000
7:0
100BASE-FX mode
R/W
0x00 = No 100BASE-FX
0x01 = 100BASE-FX mode
0x02 to 0xFF = Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com