Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8658 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 34Page - Microsemi Corporation VSC8658 Datasheet HTML 35Page - Microsemi Corporation VSC8658 Datasheet HTML 36Page - Microsemi Corporation VSC8658 Datasheet HTML 37Page - Microsemi Corporation VSC8658 Datasheet HTML 38Page - Microsemi Corporation VSC8658 Datasheet HTML 39Page - Microsemi Corporation VSC8658 Datasheet HTML 40Page - Microsemi Corporation VSC8658 Datasheet HTML 41Page - Microsemi Corporation VSC8658 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
Configuration
VMDS-10242 VSC8658 Datasheet Revision 4.1
30
5.2.3
Device Identification
All 16 bits in both register 2 and register 3 in the VSC8658 device are used to provide information
associated with aspects of the device identification. The following tables list the readouts you can expect.
5.2.4
Auto-Negotiation Advertisement
The bits in address 4 in the main registers space control the VSC8658 device ability to notify other
devices of the status of its auto-negotiation feature. The following table shows the available settings and
readouts.
Table 13 •
Identifier 1, Address 2 (0x02)
Bit
Name
Access
Description
Default
15:0
Organizationally unique
identifier (OUI)
RO
OUI most significant bits (3:18)
0x0007
Table 14 •
Identifier 2, Address 3 (0x03)
Bit
Name
Access
Description
Default
15:10
OUI
RO
OUI least significant bits (19:24)
0x0001
9:4
Microsemi model
number
RO
VSC8658
110101
3:0
Device revision number RO
0000
Table 15 •
Device Auto-Negotiation Advertisement, Address 4 (0x04)
Bit
Name
Access
Description
Default
15
Next page transmission
request
R/W
1 = Request enabled
0
14
Reserved
RO
0
13
Transmit remote fault
R/W
1 = Enabled
0
12
Reserved technologies
R/W
0
11
Advertise asymmetric
pause
R/W
1 = Advertises asymmetric pause
CMODE
10
Advertise symmetric
pause
R/W
1 = Advertises symmetric pause
CMODE
9
Advertise
100BASE-T4
R/W
1 = Advertises 100BASE-T4
0
8
Advertise
100BASE-TX FDX
R/W
1 = Advertise 100BASE-TX FDX
CMODE
7
Advertise
100BASE-TX HDX
R/W
1 = Advertises 100BASE-TX HDX
CMODE
6
Advertise
10BASE-T FDX
R/W
1 = Advertises 10BASE-T FDX
CMODE
5
Advertise
10BASE-T HDX
R/W
1 = Advertises 10BASE-T HDX
CMODE
4:0
Advertise selector
R/W
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com